Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5500DT15RKG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP5500DT15RKG
Description  500 mA LDO Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5500DT15RKG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP5500DT15RKG Datasheet HTML 4Page - ON Semiconductor NCP5500DT15RKG Datasheet HTML 5Page - ON Semiconductor NCP5500DT15RKG Datasheet HTML 6Page - ON Semiconductor NCP5500DT15RKG Datasheet HTML 7Page - ON Semiconductor NCP5500DT15RKG Datasheet HTML 8Page - ON Semiconductor NCP5500DT15RKG Datasheet HTML 9Page - ON Semiconductor NCP5500DT15RKG Datasheet HTML 10Page - ON Semiconductor NCP5500DT15RKG Datasheet HTML 11Page - ON Semiconductor NCP5500DT15RKG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
NCP5500, NCV5500, NCP5501, NCV5501
http://onsemi.com
8
Figure 21. Measuring Circuits
Input
Enable
Output
ADJ
GND
NCP5500
RL
Cin
10 mF
Cin2
100 nF
EN
IADJ
IGND
IQ
IEN
Iin
Iout
Cout
NCV5500
Input
Output
GND
RL
Cin
10 mF
Cin2
100 nF
IGND
IQ
Iin
Iout
Cout
NCP5501 NCV5501
Vout
Vin
Vout
Vin
Circuit Description
The
NCP5500/NCP5501/NCV5500/NCV5501
are
integrated linear regulators with a DC load current
capability of 500 mA. The output voltage is regulated by a
PNP pass transistor controlled by an error amplifier and
band gap reference. The choice of a PNP pass element
provides the lowest possible dropout voltage, particularly at
reduced load currents. Pass transistor base drive current is
controlled to prevent oversaturation. The regulator is
internally protected by both current limit and thermal
shutdown. Thermal shutdown occurs when the junction
temperature exceeds 150C. The NCV5500 includes an
enable/shutdown pin to turn off the regulator to a low current
drain standby state.
Regulator
The error amplifier compares the reference voltage to a
sample of the output voltage (Vout) and drives the base of a
PNP series pass transistor via a buffer. The reference is a
bandgap design for enhanced temperature stability.
Saturation control of the PNP pass transistor is a function of
the load current and input voltage. Oversaturation of the
output power device is prevented, and quiescent current in
the ground pin is minimized.
Regulator Stability Considerations
The input capacitor is necessary to stabilize the input
impedance to reduce transient line influences. The output
capacitor helps determine three main characteristics of a
linear regulator: startup delay, load transient response and
loop stability. The capacitor value and type should be based
on cost, availability, size and temperature constraints. Refer
to Typical Operating Characteristics for stability regions.
Enable Input (NCP5500, NCV5500)
The enable pin is used to turn the regulator on or off. By
holding the pin at a voltage less than 0.4 V, the output of the
regulator will be turned off to a minimal current drain state.
When the voltage at the Enable pin is greater than 2.0 V, the
output of the regulator will be enabled and rise to the
regulated output voltage. The Enable pin may be connected
directly to the input pin to provide a constant enable to the
regulator.
Active Load Protection in Shutdown (NCP5500,
NCV5500)
When a linear regulator is disabled (shutdown), the output
(load) voltage should be zero. However, stray PC board
leakage paths, output capacitor dielectric absorption, and
inductively coupled power sources can cause an undesirable
regulator output voltage if load current is low or zero. The
NCV5500 features a load protection network that is active
only during Shutdown mode. This network switches in a
shunt current path (~500
mA) from Vout to Ground. This
feature also provides a controlled (“soft”) discharge path for
the output capacitor after a transition from Enable to
Shutdown.


Similar Part No. - NCP5500DT15RKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5500DT15RKG ONSEMI-NCP5500DT15RKG Datasheet
137Kb / 9P
   500 mA Linear Regulator
June, 2006 ??Rev. 3
More results

Similar Description - NCP5500DT15RKG

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
209Kb / 12P
   500 mA, Low-Noise LDO Voltage Regulator
logo
New Japan Radio
NJW4105 NJRC-NJW4105 Datasheet
462Kb / 23P
   HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.1
NJW4105T1 NJRC-NJW4105T1 Datasheet
664Kb / 23P
   HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.0
logo
ON Semiconductor
CAT6219 ONSEMI-CAT6219 Datasheet
179Kb / 9P
   500 mA CMOS LDO Regulator
February, 2010 ??Rev. 9
CAT6219 ONSEMI-CAT6219_12 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
logo
Richtek Technology Corp...
RT9184 RICHTEK-RT9184 Datasheet
186Kb / 10P
   500 MA DUAL LDO REGULATOR
logo
Fortune Semiconductor C...
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
logo
ON Semiconductor
CAT6219-ADJTDGT3 ONSEMI-CAT6219-ADJTDGT3 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
logo
Microchip Technology
MIC5212 MICROCHIP-MIC5212 Datasheet
1Mb / 18P
   Dual 500 mA LDO Regulator
09/14/21
logo
Rohm
BD4275FP2-C ROHM-BD4275FP2-C Datasheet
572Kb / 23P
   500 mA Output LDO Regulator with Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com