Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC1G08GW Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74AHC1G08GW
Description  2-input AND gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC1G08GW Datasheet(HTML) 4 Page - NXP Semiconductors

  74AHC1G08GW Datasheet HTML 1Page - NXP Semiconductors 74AHC1G08GW Datasheet HTML 2Page - NXP Semiconductors 74AHC1G08GW Datasheet HTML 3Page - NXP Semiconductors 74AHC1G08GW Datasheet HTML 4Page - NXP Semiconductors 74AHC1G08GW Datasheet HTML 5Page - NXP Semiconductors 74AHC1G08GW Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
74AHC_AHCT1G08_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
5 of 11
NXP Semiconductors
74AHC1G08; 74AHCT1G08
2-input AND gate
11. Dynamic characteristics
[1]
tpd is the same as tPLH and tPHL.
[2]
Typical values are measured at VCC = 3.3 V.
[3]
Typical values are measured at VCC = 5.0 V.
[4]
CPD is used to determine the dynamic power dissipation PD (µW).
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz; fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts
ICC
supply current VI =VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
1.0
-
10
-
40
µA
∆ICC
additional
supply current
per input pin; VI = 3.4 V;
other inputs at VCC or GND;
IO = 0 A; VCC = 5.5 V
-
-
1.35
-
1.5
-
1.5
mA
CI
input
capacitance
-
1.5
10
-
10
-
10
pF
Table 7.
Static characteristics …continued
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
Table 8.
Dynamic characteristics
GND = 0 V; tr = tf = ≤ 3.0 ns. For test circuit see Figure 6.
Symbol
Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max
For type 74AHC1G08
tpd
propagation
delay
A and B to Y;
see Figure 5
[1]
VCC = 3.0 V to 3.6 V
[2]
CL = 15 pF
-
4.6
8.8
1.0
10.5
1.0
12.0
ns
CL = 50 pF
-
6.5
12.3
1.0
14.0
1.0
16.0
ns
VCC = 4.5 V to 5.5 V
[3]
CL = 15 pF
-
3.2
5.9
1.0
7.0
1.0
8.0
ns
CL = 50 pF
-
4.6
7.9
1.0
9.0
1.0
10.5
ns
CPD
power
dissipation
capacitance
per buffer;
CL = 50 pF; f = 1 MHz;
VI = GND to VCC
[4]
-17-
-
-
-
-
pF
For type 74AHCT1G08
tpd
propagation
delay
A and B to Y;
see Figure 5
[1]
VCC = 4.5 V to 5.5 V
[3]
CL = 15 pF
-
3.6
6.2
1.0
7.1
1.0
8.0
ns
CL = 50 pF
-
5.1
7.9
1.0
9.0
1.0
10.5
ns
CPD
power
dissipation
capacitance
per buffer;
CL = 50 pF; f = 1 MHz;
VI = GND to VCC
[4]
-19-
-
-
-
-
pF


Similar Part No. - 74AHC1G08GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G08GW PHILIPS-74AHC1G08GW Datasheet
80Kb / 12P
   2-input AND gate
1999 Jan 27
74AHC1G08GW PHILIPS-74AHC1G08GW Datasheet
75Kb / 16P
   2-input AND gate
2002 Jun 06
74AHC1G08GW NXP-74AHC1G08GW Datasheet
77Kb / 11P
   2-input AND gate
Rev. 06-29 June 2007
logo
Nexperia B.V. All right...
74AHC1G08GW NEXPERIA-74AHC1G08GW Datasheet
210Kb / 11P
   2-input AND gate
Rev. 8 - 11 January 2022
74AHC1G08GW-Q100 NEXPERIA-74AHC1G08GW-Q100 Datasheet
682Kb / 12P
   2-input AND gate
More results

Similar Description - 74AHC1G08GW

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S08F TOSHIBA-TC7S08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
logo
Hitachi Semiconductor
HD74LV1G08A HITACHI-HD74LV1G08A Datasheet
52Kb / 10P
   2-input AND Gate
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08 Datasheet
96Kb / 5P
   2-INPUT AND GATE
logo
Toshiba Semiconductor
TC7SH08FS TOSHIBA-TC7SH08FS Datasheet
172Kb / 6P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F_01 Datasheet
227Kb / 6P
   2-INPUT AND GATE
TC7SET08F TOSHIBA-TC7SET08F_02 Datasheet
205Kb / 6P
   2-INPUT AND GATE
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08_11 Datasheet
155Kb / 5P
   2-INPUT AND GATE
U74HC2G08 UTC-U74HC2G08_15 Datasheet
164Kb / 5P
   2-INPUT AND GATE
logo
Renesas Technology Corp
HD74HCT1G08 RENESAS-HD74HCT1G08 Datasheet
51Kb / 8P
   2-input AND Gate
logo
NXP Semiconductors
74AHCT1G08 PHILIPS-74AHCT1G08 Datasheet
75Kb / 16P
   2-input AND gate
2002 Jun 06
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com