Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCX050 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TMCX050
Description  For use with metal-clad, TECK, unarmoured and tray cable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TMCX050 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TMCX050 Datasheet HTML 1Page - List of Unclassifed Manufacturers TMCX050 Datasheet HTML 2Page - List of Unclassifed Manufacturers TMCX050 Datasheet HTML 3Page - List of Unclassifed Manufacturers TMCX050 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EATON’S CROUSE-HINDS BUSINESS
3
Selection Table:
Entry
Thread
‘C’
NPT Catalog
No.
Entry
Thread
‘C’
(Metric
Option)
Metric
Catalog No.
Over
Conductors
O.D. Max.
Inches ‘G’
‘A’ Armour O.D.
‘B’ Cable O.D.†
Across
Corners
‘D’
Thread
Length
NPT ‘E’
(Metric
mm.)
Length ‘F’
Min.
Max.
Min.
Max.
½”
TMCX050 1
M20
TMCXM20 1
0.480
0.40 (10.16)
0.86 (21.84)
0.49 (12.45)
0.90 (22.86)
1.56 (39.62)
1.00 (25.40)
3.05 (77.47)
½”
TMCX050 2
M20
TMCXM20 2
0.480
0.56 (14.22)
1.14 (28.96)
0.65 (16.51)
1.18 (29.97)
1.99 (50.55)
1.00 (25.40)
3.18 (80.77)
¾”
TMCX075 1
M25
TMCXM25 1
0.713
0.40 (10.16)
0.86 (21.84)
0.49 (12.45)
0.90 (22.86)
1.56 (39.62)
1.00 (25.40)
3.05 (77.47)
¾”
TMCX075 2
M25
TMCXM25 2
0.713
0.56 (14.22)
1.14 (28.96)
0.65 (16.51)
1.18 (29.97)
1.99 (50.55)
1.00 (25.40)
3.18 (80.77)
1”
TMCX100 1
M32
TMCXM32 1
0.939
0.56 (14.22)
1.14 (28.96)
0.65 (16.51)
1.18 (29.97)
1.99 (50.55)
1.08 (27.40)
3.18 (80.77)
1”
TMCX100 2
M32
TMCXM32 2
0.939
0.78 (19.81)
1.35 (34.29)
0.87 (22.10)
1.39 (35.31)
2.24 (56.90)
1.08 (27.40)
3.30 (83.82)
1-¼”
TMCX125 1
M40
TMCXM40 1
1.172
0.78 (19.81)
1.35 (34.29)
0.87 (22.10)
1.39 (35.31)
2.24 (56.90)
1.08 (27.40)
3.30 (83.82)
E
F
Multiple cable ranges per hub size for simplified selection
*All dimensions in inches; metric millimeters shown in parenthesis. Sizes 1-½” and above will be available soon.
†When making your cable gland selection based on Cable O.D., be sure to also observe the Over Conductors O.D. dimension.
Catalog Numbering System:
TMCX
050
1
NP
L
Hub Size
NPT
Hub (in.)
Metric
Hub (mm.)
050
½”
M20
20
075
¾”
M25
25
100
1”
M32
32
125
1-¼”
M40
40
Cable Sealing Range
Hub Size
Code
Thread
Sealing
Range
Code
Standard Cable
Sealing Range
050
½”
NPT
1
0.49” - 0.90”
2
0.65” - 1.18”
075
¾”
NPT
1
0.49” - 0.90”
2
0.65” - 1.18”
100
1”
NPT
1
0.65” - 1.18”
2
0.87” - 1.39”
125
1-¼”
NPT
1
0.87” - 1.39”
M20
M20
ISO
1
12.4 mm - 22.8 mm
2
16.5 mm - 29.9 mm
M25
M25
ISO
1
12.4 mm - 22.8 mm
2
16.5 mm - 29.9 mm
M32
M32
ISO
1
16.5 mm - 29.9 mm
2
22.0 mm - 35.3 mm
M40
M40
ISO
1
22.0 mm - 35.3 mm
Material
BLANK
Aluminum
SS
316 Stainless Steel
NP
Nickel-plated Brass
Compound Type
BLANK
TSC
L
Liquid
Chico® LiquidSeal
Mixing time: 2
minutes
Application: pour/
gun
Gel time: 15-30 minutes‡
Full cure/return to service time: 2
hours‡
Available for installation in
vertical position
Integral dam means no packing
or taping to prevent liquid
leakage
TSC Epoxy Compound
Mixing time: 5 minutes
Application: by hand
Full cure time: 24 hours
Available for installation in any
orientation
Chico®
LiquidSeal
Cat. No.
Size (ml.)
Std.
Carton
Qty.
LSC 10
10 ml.
10
LSC 20
20 ml.
10
LSC 50
50 ml.
5
‡At 20°C ambient temperature.
TSC Epoxy
Compound
Cat. No.
Tube Size
(oz.)
Std.
Carton
Qty.
TSC05
0.5 oz.
10
TSC1
1.0 oz.
10
TSC4
4.0 oz.
5
NEW!


Similar Part No. - TMCX050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMC ETC2-TMC Datasheet
129Kb / 1P
   EM Clutch (with bearing mounted field)
logo
Vishay Siliconix
TMC VISHAY-TMC Datasheet
196Kb / 5P
   Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
Revision: 23-Jun-16
TMC VISHAY-TMC Datasheet
96Kb / 5P
   NTC Thermistors, Radial Leaded and Coateds
01-Jan-2022
logo
Adam Technologies, Inc.
TMC-1-XX-1-G-260-5391 ADAM-TECH-TMC-1-XX-1-G-260-5391 Datasheet
78Kb / 1P
   SCREW MACHONE TERMINAL
logo
Topstek Inc.
TMC-100A TOPSTEK-TMC-100A Datasheet
129Kb / 2P
   Highly reliable Hall Effect device
More results

Similar Description - TMCX050

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1625971 MACOM-1625971 Datasheet
66Kb / 1P
   HSA25 METAL CLAD RESISTOR
logo
TE Connectivity Ltd
C-1625966 TEC-C-1625966 Datasheet
135Kb / 1P
   HSA10 METAL CLAD RESISTOR
logo
Ohmite Mfg. Co.
SH2-200R0005DE OHMITE-SH2-200R0005DE Datasheet
205Kb / 1P
   Precision Metal-Clad Shunts
SH-SERIES OHMITE-SH-SERIES Datasheet
205Kb / 1P
   Precision Metal-Clad Shunts
logo
List of Unclassifed Man...
IRB60 ETC-IRB60 Datasheet
824Kb / 1P
   METAL CLAD ECONOMY RESISTROS
logo
Stackpole Electronics, ...
MHL SEI-MHL Datasheet
275Kb / 4P
   Metal Clad Wirewound Resistor
12/01/2020
logo
List of Unclassifed Man...
RH-5E ETC-RH-5E Datasheet
1Mb / 2P
   PRECISION TYPE METAL CLAD RESISTORS
IRM1600 ETC-IRM1600 Datasheet
849Kb / 2P
   METAL CLAD WIRE WOUND RESISTOR
logo
Ohmite Mfg. Co.
SHUNT-SH OHMITE-SHUNT-SH Datasheet
343Kb / 2P
   Precision metal clad resistors designed
logo
List of Unclassifed Man...
IRH60 ETC-IRH60 Datasheet
1Mb / 2P
   METAL CLAD WIRE WOUND RESISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com