Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQPF7N10L Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQPF7N10L
Description  100V LOGIC N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF7N10L Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQPF7N10L Datasheet HTML 1Page - Fairchild Semiconductor FQPF7N10L Datasheet HTML 2Page - Fairchild Semiconductor FQPF7N10L Datasheet HTML 3Page - Fairchild Semiconductor FQPF7N10L Datasheet HTML 4Page - Fairchild Semiconductor FQPF7N10L Datasheet HTML 5Page - Fairchild Semiconductor FQPF7N10L Datasheet HTML 6Page - Fairchild Semiconductor FQPF7N10L Datasheet HTML 7Page - Fairchild Semiconductor FQPF7N10L Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev. A4, December 2000
(Note 4)
(Note 4, 5)
(Note 4, 5)
(Note 4)
©2000 Fairchild Semiconductor International
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 2.5mH, IAS = 5.5A, VDD = 25V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 7.3A, di/dt ≤ 300A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width
≤ 300µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
100
--
--
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
0.1
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 100 V, VGS = 0 V
--
--
1
µA
VDS = 80 V, TC = 150°C
--
--
10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 20 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -20 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
1.0
--
2.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 2.75 A
VGS = 5 V, ID = 2.75 A
--
0.275
0.300
0.35
0.38
gFS
Forward Transconductance
VDS = 30 V, ID = 2.75 A
--
4.5
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
220
290
pF
Coss
Output Capacitance
--
55
72
pF
Crss
Reverse Transfer Capacitance
--
12
15
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 50 V, ID = 7.3 A,
RG = 25 Ω
--
9
30
ns
tr
Turn-On Rise Time
--
100
210
ns
td(off)
Turn-Off Delay Time
--
17
45
ns
tf
Turn-Off Fall Time
--
50
110
ns
Qg
Total Gate Charge
VDS = 80 V, ID = 7.3 A,
VGS = 5 V
--
4.6
6.0
nC
Qgs
Gate-Source Charge
--
1.0
--
nC
Qgd
Gate-Drain Charge
--
2.6
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
5.5
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
22
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 5.5 A
--
--
1.5
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 7.3 A,
dIF / dt = 100 A/µs
--
70
--
ns
Qrr
Reverse Recovery Charge
--
140
--
nC


Similar Part No. - FQPF7N10L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQPF7N10L ISC-FQPF7N10L Datasheet
277Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Similar Description - FQPF7N10L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD13N10L FAIRCHILD-FQD13N10L Datasheet
548Kb / 9P
   100V LOGIC N-Channel MOSFET
FQB33N10L FAIRCHILD-FQB33N10L Datasheet
660Kb / 9P
   100V LOGIC N-Channel MOSFET
FQPF19N10L FAIRCHILD-FQPF19N10L Datasheet
614Kb / 8P
   100V LOGIC N-Channel MOSFET
FQU13N10L FAIRCHILD-FQU13N10L_09 Datasheet
635Kb / 9P
   100V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD13N10L KERSEMI-KSMD13N10L Datasheet
1Mb / 8P
   100V LOGIC N-Channel MOSFET
KSM13N10L KERSEMI-KSM13N10L Datasheet
1Mb / 6P
   100V LOGIC N-Channel MOSFET
logo
Fairchild Semiconductor
FQB19N10L FAIRCHILD-FQB19N10L Datasheet
609Kb / 9P
   100V LOGIC N-Channel MOSFET
FQT7N10L FAIRCHILD-FQT7N10L Datasheet
642Kb / 8P
   100V LOGIC N-Channel MOSFET
FQB7N10L FAIRCHILD-FQB7N10L Datasheet
556Kb / 9P
   100V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMU13N10L KERSEMI-KSMU13N10L Datasheet
1Mb / 8P
   100V LOGIC N-Channel MOSFET
KSMD7N10L KERSEMI-KSMD7N10L Datasheet
1Mb / 8P
   100V LOGIC N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com