Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQPF5N50CFTU Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FQPF5N50CFTU
Description  Low gate charge ( typical 18nC)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF5N50CFTU Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FQPF5N50CFTU Datasheet HTML 1Page - Fairchild Semiconductor FQPF5N50CFTU Datasheet HTML 2Page - Fairchild Semiconductor FQPF5N50CFTU Datasheet HTML 3Page - Fairchild Semiconductor FQPF5N50CFTU Datasheet HTML 4Page - Fairchild Semiconductor FQPF5N50CFTU Datasheet HTML 5Page - Fairchild Semiconductor FQPF5N50CFTU Datasheet HTML 6Page - Fairchild Semiconductor FQPF5N50CFTU Datasheet HTML 7Page - Fairchild Semiconductor FQPF5N50CFTU Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
FQPF5N50CF Rev. B
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms
Charge
V
GS
10V
Q
g
Q
gs
Q
gd
3mA
V
GS
DUT
V
DS
300nF
50KΩ
200nF
12V
Same Type
as DUT
Charge
V
GS
10V
Q
g
Q
gs
Q
gd
3mA
V
GS
DUT
V
DS
300nF
50KΩ
200nF
12V
Same Type
as DUT
V
GS
V
DS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
V
DD
10V
V
DS
R
L
DUT
R
G
V
GS
V
GS
V
DS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
V
DD
10V
V
DS
R
L
DUT
R
G
V
GS
E
AS =L IAS
2
----
2
1
--------------------
BVDSS -VDD
BV
DSS
V
DD
V
DS
BV
DSS
t
p
VDD
IAS
VDS (t)
I
D (t)
Time
10V
DUT
R
G
L
I
D
t
p
E
AS =L IAS
2
----
2
1
E
AS =L IAS
2
----
2
1
----
2
1
--------------------
BVDSS -VDD
BV
DSS
V
DD
V
DS
BV
DSS
t
p
VDD
IAS
VDS (t)
I
D (t)
Time
10V
DUT
R
G
L
L
I
D
I
D
t
p


Similar Part No. - FQPF5N50CFTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
More results

Similar Description - FQPF5N50CFTU

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF840B KERSEMI-IRF840B Datasheet
1Mb / 9P
   Low gate charge ( typical 41 nC)
logo
Advanced Power Electron...
AP9T18GH A-POWER-AP9T18GH_14 Datasheet
218Kb / 6P
   Low Gate Charge
AP9T15GHJ-HF A-POWER-AP9T15GHJ-HF_14 Datasheet
103Kb / 4P
   Low Gate Charge
AP9T16GJ A-POWER-AP9T16GJ_14 Datasheet
268Kb / 6P
   Low Gate Charge
logo
JILIN SINO-MICROELECTRO...
JCS12N65FC JSMC-JCS12N65FC Datasheet
548Kb / 8P
   Low gate charge
logo
Kersemi Electronic Co.,...
KSMD540 KERSEMI-KSMD540 Datasheet
658Kb / 4P
   Low gate charge.
KSMD3303 KERSEMI-KSMD3303 Datasheet
620Kb / 4P
   Low gate charge.
KSMF5N60 KERSEMI-KSMF5N60 Datasheet
670Kb / 4P
   Low gate charge.
KSMF6N65 KERSEMI-KSMF6N65 Datasheet
707Kb / 4P
   Low gate charge.
logo
Advanced Power Electron...
AP4513GD A-POWER-AP4513GD_14 Datasheet
89Kb / 7P
   Low Gate Charge
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com