Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL11 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # PL11
Description  General-purpose Relays and Power Relays Sockets
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PL11 Datasheet(HTML) 5 Page - Omron Electronics LLC

  PL11 Datasheet HTML 1Page - Omron Electronics LLC PL11 Datasheet HTML 2Page - Omron Electronics LLC PL11 Datasheet HTML 3Page - Omron Electronics LLC PL11 Datasheet HTML 4Page - Omron Electronics LLC PL11 Datasheet HTML 5Page - Omron Electronics LLC PL11 Datasheet HTML 6Page - Omron Electronics LLC PL11 Datasheet HTML 7Page - Omron Electronics LLC PL11 Datasheet HTML 8Page - Omron Electronics LLC PL11 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
242
General-purpose Relays and Power Relays
Sockets
■ Hold-down Clips
For Square Sockets
For Round Sockets
Note: There are 2 pieces per set.
5 max.
PYC-A1 (see note)
36.3
4.5
1.2
4.5
5 max.
PYC-A2 (see note)
42.8
4.5
1.2
4.5
29 max.
PYC-P
36.5
3.3
5
PYC-E1 (see note)
36.3
5.75
4.25
4.5+0.1
PYC-P2
10
28
PYC-S
28
2.5
8
PYC-1
9.4
28
52
58.2
Approx. 3
PYC-2
28.8
8
PYC-3
5
29.5
44.5
PYC-5
10
3.7
41.7
PYC
10
3.7
34.5
6
60.8
62
4.6
4.5
PFC-A1 (see note)
6
73.3
74.5
4.6
4.5
PEC-A6 (see note)
6
94
95.2
4.5
4.6
PEC-A7 (see note)
56.6
7.6
PLC (see note)
56.3
8
PLC-1 (see note)
69.2
65.7
9
8
PLC-7 (see note)
90.2 86.7
9
8
PLC-8 (see note)
66.2
5
6
PLC-10 (see note)
64.3
8
PLC-12 (see note)


Similar Part No. - PL11

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PL11 OMRON-PL11 Datasheet
323Kb / 7P
   GENERAL PURPOSE RELAY
PL11 OMRON-PL11 Datasheet
1Mb / 16P
   DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
PL11-Q OMRON-PL11-Q Datasheet
323Kb / 7P
   GENERAL PURPOSE RELAY
logo
STMicroelectronics
PL110Z STMICROELECTRONICS-PL110Z Datasheet
199Kb / 3P
   ZENDER DIODES DIODES ZENDER
logo
Vishay Siliconix
PL1112 VISHAY-PL1112 Datasheet
104Kb / 4P
   Low Power Through-Hole Transformers, Single Primary, Input 115 V Dual Secondary: PL-11 thru PL-14, Single Secondary: PL-32 thru PL-34
Revision: 06-Dec-11
More results

Similar Description - PL11

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
T9S TEC-T9S Datasheet
290Kb / 2P
   General Purpose Relays Power Relays
logo
Tyco Electronics
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393117-4 MACOM-2-1393117-4 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
T77V1D10-24 MACOM-T77V1D10-24 Datasheet
401Kb / 2P
   General Purpose Relays PCB Relays
2-1393115-2 MACOM-2-1393115-2 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com