Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K2400E70RP Datasheet(PDF) 12 Page - Littelfuse

Part # K2400E70RP
Description  The SIDAC is a silicon bilateral voltage triggered switch. Upon application of a voltage exceeding the SIDAC breakover voltage point, the SIDAC switches on through a negative...
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K2400E70RP Datasheet(HTML) 12 Page - Littelfuse

Back Button K2400E70RP Datasheet HTML 4Page - Littelfuse K2400E70RP Datasheet HTML 5Page - Littelfuse K2400E70RP Datasheet HTML 6Page - Littelfuse K2400E70RP Datasheet HTML 7Page - Littelfuse K2400E70RP Datasheet HTML 8Page - Littelfuse K2400E70RP Datasheet HTML 9Page - Littelfuse K2400E70RP Datasheet HTML 10Page - Littelfuse K2400E70RP Datasheet HTML 11Page - Littelfuse K2400E70RP Datasheet HTML 12Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
324
Revised:December21,2010 02:40PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Standard Bidirectional SIDACs
Kxxxzy Series
Part Numbering System
Part Marking System
K 240 0 E 70 RP
DEVICE TYPE
K: Sidac
VOLTAGE RATING
090: 79 – 97V
105: 95 – 113V
110: 104 – 118V
120: 110 – 125V
130: 120 – 138V
140: 130 – 146V
150: 140 – 170V
180: 165 – 195V
200: 190 – 215V
220: 205 – 230V
240: 220 – 250V
250: 240 – 280V
300: 270 – 330V
CIRCUIT FUNCTION
0: Standard
2: Two Series Die
PACKAGING OPTIONS
[blank]: Bulk
AP: Ammo
RP: Reel
LEAD FORM DIMENSIONS
xx: Lead Form Option
PACKAGE TYPE
G: DO-15
S: DO-214
E: TO-92
YMXXX
K24S
DO-214
K2400G
YMXXX
DO-15
TO-92
K2400E
YMXXX
®
®
®
TO-92 Type 70 Ammo Pack (AP) Radial Leaded Specifications
Flat down
25 Devices per fold
0.708
(18.0)
1.27
(32.2)
0.125 (3.2) MAX
1.62
(41.2)
MAX
0.50
(12.7)
0.354
(9.0)
0.236
(6.0)
0.02 (0.5)
0.20 (5.08)
0.50
(12.7)
0.25
(6.35)
Direction
of Feed
Dimensions
are in inches
(and millimeters).
1.85
(47.0)
13.3
(338.0)
12.2
(310.0)
1.85
(47.0)
0.157
DIA
(4.0)


Similar Part No. - K2400E70RP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
K2400E70RP LITTELFUSE-K2400E70RP Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
More results

Similar Description - K2400E70RP

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
K0900L LEIDITECH-K0900L Datasheet
1Mb / 6P
   The sidac is a silicon bilateral voltage triggered switch with greater power-handling capabilities than standard diacs
logo
ON Semiconductor
MKP1V120 ONSEMI-MKP1V120 Datasheet
53Kb / 6P
   Sidac High Voltage
September, 2004 ??Rev. 6
logo
Shindengen Electric Mfg...
K1V10 SHINDENGEN-K1V10 Datasheet
413Kb / 10P
   Sidac
K1V10 SHINDENGEN-K1V10_10 Datasheet
293Kb / 2P
   SIDAC
K1V36 SHINDENGEN-K1V36 Datasheet
419Kb / 10P
   Sidac
K1V5 SHINDENGEN-K1V5 Datasheet
413Kb / 10P
   Sidac
K1V14 SHINDENGEN-K1V14_10 Datasheet
288Kb / 2P
   SIDAC
logo
UN Semiconducctor INC
KXXXXSD1 UNSEMI-KXXXXSD1 Datasheet
2Mb / 5P
   Sidac
Revision March 1,2022
logo
Shindengen Electric Mfg...
K1V5 SHINDENGEN-K1V5_10 Datasheet
291Kb / 2P
   SIDAC
K1VA16 SHINDENGEN-K1VA16 Datasheet
416Kb / 10P
   Sidac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com