Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

DZ2J030M0L Datasheet(HTML) 1 Page - Panasonic Battery Group

Part No. DZ2J030M0L
Description  Silicon epitaxial planar type For constant voltage / For surge absorption circuit
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONICBATTERY [Panasonic Battery Group]
Homepage  http://www.panasonic.com/industrial/batteries-oem/
Logo 

DZ2J030M0L Datasheet(HTML) 1 Page - Panasonic Battery Group

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 5 page
background image
Product Standards
Zener Diode
DZ2J030
0L
Absolute Maximum Ratings Ta = 25
C
*1 Mounted on glass epoxy print board ( 45 mm
 45 mm  1 mm )
Solder in ( Recommended land pattern )
*2 Test method : IEC61000_4_2
( C = 150 pF, R = 330
, Contact discharge : 10 times )
Electrical Characteristics Ta = 25
C  3 C
Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7031 Measuring methods for Diodes.
Absolute frequency of input and output is 5 MHz.
The temperature must be controlled 25
C for VZ mesurement.
VZ value measured at other temperature must be adjusted to VZ (25
C).
VZ guaranted 20 ms after current flow
Rank classification
Tj = 25
C to 150 C
Page
*3
3. *1
*2
Note)
Note) 1.
2.
Temperature coefficient of zener voltage
*3
Internal Connection
-2.0
mV/
C
V
120
2.85
Max
3.15
1.0
V
Parameter
Symbol
Conditions
Forward voltage
VF
IF = 10 mA
Unit
1of 4
Unit: mm
Min
Typ
SMini2-F5-B
JEITA
SC-90A
2. Anode
Low zener operating resistance Rz
Excellent rising characteristics of zener current Iz
Halogen-free / RoHS compliant
DZ2J030
0L
Silicon epitaxial planar type
For constant voltage / For surge absorption circuit
Features
(EU RoHS / UL-94 V-0 / MSL:Level 1 compliant)
Marking Symbol: 3J or 3U
Code
1. Cathode
Panasonic
Parameter
Symbol
Rating
Unit
Packaging
Embossed type (Thermo-compression sealing) : 3 000 pcs / reel (standard)
SZ
IZ = 5 mA
Zener voltage
*1, *2
VZ
IZ = 5 mA
Zener operating resistance
RZ
IZ = 5 mA
Reverse current
C
Repetitive peak forward current
IFRM
200
mA
Storage temperature
Tstg
-55 to
kV
+150
+85
15
Total power dissipation
*1
PT
200
Junction temperature
Tj
150
Electrostatic discharge
*2
mW
Operating ambient temperature
Topr
-40 to
C
C
ESD
50
A
IR
VR = 1 V
3.15
3.08
Marking symbol
3U
3J
VZ
2.93 to
2.85 to
Code
M
0
Rank
M
No-rank
1.25
0.7
0.13
0.35
0.5
2
1
1
2
Doc No. TT4-EA-11539
Revision. 3
Established : 2009-10-14
Revised
: 2013-07-01


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn