Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDN-21T-P1.5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SDN-21T-P1.5
Description  Crimping tools and machines
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDN-21T-P1.5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SDN-21T-P1.5 Datasheet HTML 1Page - List of Unclassifed Manufacturers SDN-21T-P1.5 Datasheet HTML 2Page - List of Unclassifed Manufacturers SDN-21T-P1.5 Datasheet HTML 3Page - List of Unclassifed Manufacturers SDN-21T-P1.5 Datasheet HTML 4Page - List of Unclassifed Manufacturers SDN-21T-P1.5 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDN-21T-P1.5 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDN-21T-P1.5 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDN-21T-P1.5 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2
1
APPLICATION TOOLING
Crimping tools and machines
Crimping tools and machines
The arrow mark indocates the press that is applicable to the applicator.
MKS-SC
Strip-crimp applicator
for side feeding terminals
MK-L
Crimping applicator
for end-feeding terminals
MKS-L
Crimping applicator
for side-feeding terminals
MKF-L
Crimping applicator
for end-feeding flag terminals
MKS-LS
Compact crimping applicator
for side-feeding terminals
Semi-automatic crimping machines (presses)
contact a wire to a chain terminal each time a
footswitch is pressed.
Semi-automatic press
AP-K2N
• Dimensions:
(W
×L×H)280×480×505mm
• Weight:
Approx. 90kg(198lb)
• Power source:
100V AC, Single-phase 50/60Hz
• Pressure output:
14.7kN[1,500kg(3307lb)]
• Dies:
Applicator replacement


Similar Part No. - SDN-21T-P1.5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDN-C ETC-SDN-C Datasheet
208Kb / 2P
   SDU Series, Direct Current Uninterruptible Power Supply (DC UPS) System
SDN-C ETC-SDN-C Datasheet
405Kb / 7P
   SDN-C Compact DIN Rail Series
SDN-P ETC-SDN-P Datasheet
208Kb / 2P
   SDU Series, Direct Current Uninterruptible Power Supply (DC UPS) System
SDN-PMBRK2 ETC-SDN-PMBRK2 Datasheet
208Kb / 2P
   SDU Series, Direct Current Uninterruptible Power Supply (DC UPS) System
SDN-PMBRK3 ETC-SDN-PMBRK3 Datasheet
208Kb / 2P
   SDU Series, Direct Current Uninterruptible Power Supply (DC UPS) System
More results

Similar Description - SDN-21T-P1.5

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
YRS JST-YRS Datasheet
1,011Kb / 9P
   Crimping machines and tools
logo
List of Unclassifed Man...
HPDM2A ETC2-HPDM2A Datasheet
238Kb / 2P
   ID tools and machines
logo
Lumberg
CAS31-03 LUMBERG-CAS31-03 Datasheet
387Kb / 3P
   Tools and harnessing machines
CM03-01-0364 LUMBERG-CM03-01-0364 Datasheet
374Kb / 3P
   Tools and harnessing machines
CM03-03-0364 LUMBERG-CM03-03-0364 Datasheet
374Kb / 3P
   Tools and harnessing machines
CZK03 LUMBERG-CZK03 Datasheet
366Kb / 3P
   Tools and harnessing machines
HA36E-CA LUMBERG-HA36E-CA Datasheet
395Kb / 3P
   Tools and harnessing machines
HA35F-RK LUMBERG-HA35F-RK Datasheet
528Kb / 3P
   Tools and harnessing machines
HA35F-CA-KC LUMBERG-HA35F-CA-KC Datasheet
549Kb / 3P
   Tools and harnessing machines
HZ36-K LUMBERG-HZ36-K Datasheet
412Kb / 3P
   Tools and harnessing machines
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com