Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G86 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # 74LVC1G86
Description  SINGLE 2 INPUT EXCLUSIVE OR GATE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G86 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button 74LVC1G86_12 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G86_12 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G86_12 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G86_12 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G86_12 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G86_12 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G86_12 Datasheet HTML 9Page - Diodes Incorporated 74LVC1G86_12 Datasheet HTML 10Page - Diodes Incorporated 74LVC1G86_12 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
74LVC1G86
SINGLE 2 INPUT EXCLUSIVE OR GATE
74LVC1G86
Document number: DS32201 Rev. 6 - 2
7 of 12
www.diodes.com
February 2012
© Diodes Incorporated
Ordering Information
Logic Device
Function
Package
Packing
74LVC1G 86 XXX -7
7 : Tape & Reel
W5 : SOT25
SE : SOT353
Z : SOT553
FW4 : X2-DFN1010-6
FZ4 : X2-DFN1410-6
86 : 2-Input
Exclusive
OR - Gate
74 : Logic Prefix
LVC : 1.65 to 5.5V
Family
1G : One Gate
Device
Package
Code
Packaging
(Note 6)
7” Tape and Reel
Quantity
Part Number Suffix
74LVC1G86W5-7
W5
SOT25
3000/Tape & Reel
-7
74LVC1G86SE-7
SE
SOT353
3000/Tape & Reel
-7
74LVC1G86Z-7
Z
SOT553
4000/Tape & Reel
-7
74LVC1G86FW4-7
FW4
X2-DFN1010-6
5000/Tape & Reel
-7
74LVC1G86FZ4-7
FZ4
X2-DFN1410-6
5000/Tape & Reel
-7
Notes:
5. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf
6. The taping orientation is located on our website at http://www.diodes.com/datasheets/ap02007.pdf
Marking Information
(1) SOT25, SOT353 and SOT553
Part Number
Package
Identification Code
74LVC1G86W5
SOT25
UX
74LVC1G86SE
SOT353
UX
74LVC1G86Z
SOT553
UX
(3) X2-DFN1010-6 and X2-DFN1410-6
XX
Y
W
X
: Identification Code
: Year 0~9
: Week : A~Z : 1~26 week;
a~z : 27~52 week;
z represents 52 and 53 week
: A~Z : Internal Code
XX
YW X
(Top View)
Part Number
Package
Identification Code
74LVC1G86FW4
X2-DFN1010-6
UX
74LVC1G86FZ4
X2-DFN1410-6
UX


Similar Part No. - 74LVC1G86_12

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC1G86-Q100 NEXPERIA-74LVC1G86-Q100 Datasheet
183Kb / 13P
   2-input EXCLUSIVE-OR gate
logo
Diodes Incorporated
74LVC1G86FS3-7 DIODES-74LVC1G86FS3-7 Datasheet
245Kb / 14P
   SINGLE 2 INPUT EXCLUSIVE OR GATE
DS32201 Rev. 2 - 2
74LVC1G86FW5-7 DIODES-74LVC1G86FW5-7 Datasheet
245Kb / 14P
   SINGLE 2 INPUT EXCLUSIVE OR GATE
DS32201 Rev. 2 - 2
74LVC1G86FX4-7 DIODES-74LVC1G86FX4-7 Datasheet
245Kb / 14P
   SINGLE 2 INPUT EXCLUSIVE OR GATE
DS32201 Rev. 2 - 2
74LVC1G86FZ4 DIODES-74LVC1G86FZ4 Datasheet
245Kb / 14P
   SINGLE 2 INPUT EXCLUSIVE OR GATE
DS32201 Rev. 2 - 2
More results

Similar Description - 74LVC1G86_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G86 TI-SN74LVC1G86_08 Datasheet
535Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AHCT1G86DBVR TI1-SN74AHCT1G86DBVR Datasheet
832Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
NLU1G86 ONSEMI-NLU1G86 Datasheet
100Kb / 8P
   Single 2-Input Exclusive OR Gate
March, 2008 - Rev. 1
logo
Texas Instruments
SN74AHC1G86-Q1 TI1-SN74AHC1G86-Q1 Datasheet
583Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AUC1G86 TI-SN74AUC1G86 Datasheet
358Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE OR GATE
SN74AHCT1G86 TI-SN74AHCT1G86 Datasheet
70Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
MC74VHC1G86 ONSEMI-MC74VHC1G86_V01 Datasheet
179Kb / 16P
   Single 2-Input Exclusive OR Gate
April, 2022 ??Rev. 23
logo
Texas Instruments
SN74AUC1G86 TI-SN74AUC1G86_08 Datasheet
498Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
Diodes Incorporated
74AHC1G86 DIODES-74AHC1G86_11 Datasheet
181Kb / 8P
   SINGLE 2 INPUT EXCLUSIVE-OR GATE
logo
Texas Instruments
SN74LVC1G86_081 TI-SN74LVC1G86_081 Datasheet
642Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
Diodes Incorporated
74LVCE1G86 DIODES-74LVCE1G86 Datasheet
275Kb / 14P
   SINGLE 2 INPUT EXCLUSIVE OR GATE
DS32215 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com