Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G86W5-7 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # 74LVC1G86W5-7
Description  SINGLE 2 INPUT EXCLUSIVE OR GATE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G86W5-7 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button 74LVC1G86W5-7 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G86W5-7 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G86W5-7 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G86W5-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G86W5-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G86W5-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G86W5-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G86W5-7 Datasheet HTML 9Page - Diodes Incorporated 74LVC1G86W5-7 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
74LVC1G86
SINGLE 2 INPUT EXCLUSIVE OR GATE
74LVC1G86
Document number: DS32201 Rev. 6 - 2
6 of 12
www.diodes.com
February 2012
© Diodes Incorporated
Parameter Measurement Information
VCC
Inputs
VM
CL
RL
VI
tr/tf
1.8V ± 0.15V
VCC
≤2ns
VCC/2
30 pF
1 K
2.5V ± 0.2V
VCC
≤2ns
VCC/2
30 pF
500
2.7V
VCC
≤2.5ns
1.5V
50 pF
500
3.3V ± 0.3V
3.0V
≤2.5ns
1.5V
50 pF
500
5.0V ± 0.5V
VCC
≤2.5ns
VCC/2
50 pF
500
Voltage Waveform Pulse Duration
Voltage Waveform Propagation Delay Times
Inverting and Non Inverting Outputs
Figure 1. Load Circuit and Voltage Waveforms
Notes:
A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate
≤ 10 MHz.
C. Inputs are measured separately one transition per measurement.
D. tPLH and tPHL are the same as tPD.


Similar Part No. - 74LVC1G86W5-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC1G86W5 DIODES-74LVC1G86W5 Datasheet
245Kb / 14P
   SINGLE 2 INPUT EXCLUSIVE OR GATE
DS32201 Rev. 2 - 2
More results

Similar Description - 74LVC1G86W5-7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G86 TI-SN74LVC1G86_08 Datasheet
535Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AHCT1G86DBVR TI1-SN74AHCT1G86DBVR Datasheet
832Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
NLU1G86 ONSEMI-NLU1G86 Datasheet
100Kb / 8P
   Single 2-Input Exclusive OR Gate
March, 2008 - Rev. 1
logo
Texas Instruments
SN74AHC1G86-Q1 TI1-SN74AHC1G86-Q1 Datasheet
583Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AUC1G86 TI-SN74AUC1G86 Datasheet
358Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE OR GATE
SN74AHCT1G86 TI-SN74AHCT1G86 Datasheet
70Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
MC74VHC1G86 ONSEMI-MC74VHC1G86_V01 Datasheet
179Kb / 16P
   Single 2-Input Exclusive OR Gate
April, 2022 ??Rev. 23
logo
Texas Instruments
SN74AUC1G86 TI-SN74AUC1G86_08 Datasheet
498Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
Diodes Incorporated
74AHC1G86 DIODES-74AHC1G86_11 Datasheet
181Kb / 8P
   SINGLE 2 INPUT EXCLUSIVE-OR GATE
logo
Texas Instruments
SN74LVC1G86_081 TI-SN74LVC1G86_081 Datasheet
642Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
Diodes Incorporated
74LVCE1G86 DIODES-74LVCE1G86 Datasheet
275Kb / 14P
   SINGLE 2 INPUT EXCLUSIVE OR GATE
DS32215 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com