Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G86SE-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 74LVC1G86SE-7
Description  SINGLE 2 INPUT EXCLUSIVE OR GATE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G86SE-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  74LVC1G86SE-7 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G86SE-7 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G86SE-7 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G86SE-7 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G86SE-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G86SE-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G86SE-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G86SE-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G86SE-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
74LVC1G86
SINGLE 2 INPUT EXCLUSIVE OR GATE
74LVC1G86
Document number: DS32201 Rev. 6 - 2
4 of 12
www.diodes.com
February 2012
© Diodes Incorporated
Electrical Characteristics (All typical values are at VCC = 3.3V, TA = 25°C)
Symbol
Parameter
Test Conditions
Vcc
-40ºC to 85ºC
-40ºC to 125ºC
Unit
Min
Typ.
Max
Min
Max
VOH
High Level
Output
Voltage
IOH = -100μA
1.65V to 5.5V
VCC – 0.1
VCC
0.1
V
IOH = -4mA
1.65V
1.2
0.95
IOH = -8mA
2.3V
1.9
1.7
IOH = -16mA
3V
2.4
2.2
IOH = -24mA
2.3
2.0
IOH = -32mA
4.5V
3.8
3.4
VOL
Low Level
Output
Voltage
IOL = 100μA
1.65V to 5.5V
0.1
0.1
V
IOL = 4mA
1.65V
0.45
0.7
IOL = 8mA
2.3V
0.3
0.45
IOL = 16mA
3V
0.4
0.6
IOL = 24mA
0.55
0.8
IOL = 32mA
4.5V
0.55
.8
II
Input Current VI = 5.5 V or GND
0 to 5.5V
± 0.1
±5
± 100
μA
IOFF
Power Down
Leakage
Current
VI or VO = 5.5V
0V
±10
±200
μA
ICC
Supply
Current
VI = 5.5V or GND
IO=0
5.5V
0.1
10
200
μA
ΔICC
Additional
Supply
Current
One input at VCC
0.6V Other inputs
at VCC or GND
3V to 5.5V
500
5000
μA
Ci
Input
Capacitance
VI = VCC – or GND
3.3V
5
pF


Similar Part No. - 74LVC1G86SE-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC1G86SE DIODES-74LVC1G86SE Datasheet
245Kb / 14P
   SINGLE 2 INPUT EXCLUSIVE OR GATE
DS32201 Rev. 2 - 2
More results

Similar Description - 74LVC1G86SE-7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G86 TI-SN74LVC1G86_08 Datasheet
535Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AHCT1G86DBVR TI1-SN74AHCT1G86DBVR Datasheet
832Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
NLU1G86 ONSEMI-NLU1G86 Datasheet
100Kb / 8P
   Single 2-Input Exclusive OR Gate
March, 2008 - Rev. 1
logo
Texas Instruments
SN74AHC1G86-Q1 TI1-SN74AHC1G86-Q1 Datasheet
583Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AUC1G86 TI-SN74AUC1G86 Datasheet
358Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE OR GATE
SN74AHCT1G86 TI-SN74AHCT1G86 Datasheet
70Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
MC74VHC1G86 ONSEMI-MC74VHC1G86_V01 Datasheet
179Kb / 16P
   Single 2-Input Exclusive OR Gate
April, 2022 ??Rev. 23
logo
Texas Instruments
SN74AUC1G86 TI-SN74AUC1G86_08 Datasheet
498Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
Diodes Incorporated
74AHC1G86 DIODES-74AHC1G86_11 Datasheet
181Kb / 8P
   SINGLE 2 INPUT EXCLUSIVE-OR GATE
logo
Texas Instruments
SN74LVC1G86_081 TI-SN74LVC1G86_081 Datasheet
642Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
Diodes Incorporated
74LVCE1G86 DIODES-74LVCE1G86 Datasheet
275Kb / 14P
   SINGLE 2 INPUT EXCLUSIVE OR GATE
DS32215 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com