Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1115XYXXL-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1115XYXXL-13
Description  0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1115XYXXL-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1115XYXXL-13 Datasheet HTML 1Page - Diodes Incorporated AP1115XYXXL-13 Datasheet HTML 2Page - Diodes Incorporated AP1115XYXXL-13 Datasheet HTML 3Page - Diodes Incorporated AP1115XYXXL-13 Datasheet HTML 4Page - Diodes Incorporated AP1115XYXXL-13 Datasheet HTML 5Page - Diodes Incorporated AP1115XYXXL-13 Datasheet HTML 6Page - Diodes Incorporated AP1115XYXXL-13 Datasheet HTML 7Page - Diodes Incorporated AP1115XYXXL-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP1115
Document number: DS31025 Rev. 11 - 2
2 of 8
www.diodes.com
August 2012
© Diodes Incorporated
AP1115
Typical Applications Circuit
C2
100uF
5V
3.3V/0.5A
VIN
VOUT
GND
C1
100uF
AP1115 A (5V/3.3V Fixed Output)
)
1
2
REF
o
R
R
(1
V
V
Note :
GND
AP1115 B (5V/3.3V Fixed Output)
5V
C1
100uF
C2
100uF
3.3V/0.5A
R1
121
R2
121
C2
100uF
5V
2.5V/0.5A
Adj
C1
100uF
VO
AP1115 A (5V/2.5V Adj Output)
R2
121
R1
121
C2
100 uF
5V
2.5V/0.5A
Adj
C1
100uF
VO
AP1115 B (5V/2.5V Adj Output)
=
+
VIN
VOUT
VOUT
VIN
VOUT
VIN
x
Pin Descriptions
Pin Name
I/O
Function
Adj (GND)
I
A resistor divider from this pin to the VOUT pin and ground sets the output voltage (Ground only for Fixed-
Mode).
VOUT
O
The output of the regulator. A minimum of 10uF capacitor (0.15
Ω ≤ ESR ≤ 20Ω) must be connected from this
pin to ground to insure stability.
VIN
I
The input pin of regulator. Typically a large storage capacitor (0.15
Ω ≤ ESR ≤ 20Ω) is connected from this pin
to ground to insure that the input voltage does not sag below the minimum dropout voltage during the load
transient response. This pin must always be 1.3V higher than VOUT in order for the device to regulate properly.


Similar Part No. - AP1115XYXXL-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1115XYXX-G-13 DIODES-AP1115XYXX-G-13 Datasheet
120Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE
AP1115 Rev. 7
AP1115XYXX-L-13 DIODES-AP1115XYXX-L-13 Datasheet
120Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE
AP1115 Rev. 7
More results

Similar Description - AP1115XYXXL-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1115AY33L-13 DIODES-AP1115AY33L-13 Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
logo
E-Tech Electronics LTD
GL1116 ETL-GL1116 Datasheet
251Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1115 DIODES-AP1115 Datasheet
212Kb / 7P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 Rev. 1
AP1115AY33G DIODES-AP1115AY33G Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
logo
Anachip Corp
AP1115 ANACHIP-AP1115 Datasheet
165Kb / 7P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G1116 ETL-G1116 Datasheet
253Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1116 GTM-G1116 Datasheet
248Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GM1116 GTM-GM1116 Datasheet
241Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GL1116 GTM-GL1116 Datasheet
244Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GJ1116 GTM-GJ1116 Datasheet
239Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com