Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP130-XXRG-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP130-XXRG-7
Description  300mA LOW DROPOUT (LDO) LINEAR REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP130-XXRG-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP130-XXRG-7 Datasheet HTML 1Page - Diodes Incorporated AP130-XXRG-7 Datasheet HTML 2Page - Diodes Incorporated AP130-XXRG-7 Datasheet HTML 3Page - Diodes Incorporated AP130-XXRG-7 Datasheet HTML 4Page - Diodes Incorporated AP130-XXRG-7 Datasheet HTML 5Page - Diodes Incorporated AP130-XXRG-7 Datasheet HTML 6Page - Diodes Incorporated AP130-XXRG-7 Datasheet HTML 7Page - Diodes Incorporated AP130-XXRG-7 Datasheet HTML 8Page - Diodes Incorporated AP130-XXRG-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AP130
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130
Document number: DS31027 Rev. 8 - 2
4 of 11
www.diodes.com
December 2011
© Diodes Incorporated
Electrical Characteristics
TA = 25ºC, CIN = 1µF, COUT = 10µF, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
VDROP
Dropout Voltage (Note 2)
IL = 300mA
-
400
500
mV
ILIMIT
Current Limit (Note 3)
VIN = 5V, VOUT = 0V
350
450
-
mA
Ishort
Short Circuit Current
VOUT < 1.05V
-
150
300
mA
ΔVLINE
Line Regulation
IOUT = 1mA,
VIN = (VOUT+1V) to 5.5V
-
0.1
0.3
%/V
PSRR
Ripple Rejection
F = 100Hz,
CIN = 1μF, CO = 10uF,
IL = 100mA
-
58
-
dB
ΔVLOAD
Load Regulation (Note 4)
IL = 1~300mA, VIN = 5V
-
30
40
mV
ΔVOUT
Output Voltage Accuracy
IL = 1mA, VIN = 5V
-2
-
+2
%
Output Voltage Temperature Coefficient
(Note 5)
-
50
150
PPM/ºC
IQ
Quiescent Current
IL = 0mA, VIN = 5V
-
50
100
μA
θJA
Thermal Resistance Junction-to-Ambient
SC59/SC59R (Note 6)
-
250
-
ºC/W
SOT23 (Note 7)
-
200
-
SOT89-3L/SOT89R-3L
(Note 8)
-
100
-
θJC
Thermal Resistance Junction-to-Case
SC59/SC59R (Note 6)
-
79
-
ºC/W
SOT23 (Note 7)
-
43
-
SOT89-3L/SOT89R-3L
(Note 8)
-
23
-
Notes:
2. Dropout voltage is defined as the input to output differential voltage. Dropout is measured at constant junction temperature by using pulsed on time,
and the criterion is VOUT inside target value ±2%. This test is skipped at the condition of VIN<3V.
3. Current limit is measured at constant junction temperature by using pulsed testing with a low ON time.
4. Regulation is measured at constant junction temperature by using pulsed testing with a low ON time.
5. Guaranteed by design.
6. Test condition for SC59/SC59R: Devices mounted on FR-4 PC board, 1
*MRP, 2oz copper, single sided, calibrate at TJ=125ºC, TA=25ºC, with
minimum recommended pad layout.
7. Test condition for SOT23: Devices mounted on FR-4 PC board, 1
*MRP, calibrate at TJ=85ºC, TA=29ºC.
8. Test condition for SOT89-3L/SOT89R-3L: No Heat Sink, no air flow.


Similar Part No. - AP130-XXRG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP130-XXRG-7 DIODES-AP130-XXRG-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
More results

Similar Description - AP130-XXRG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP130 DIODES-AP130_10 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
logo
Anachip Corp
AP130 ANACHIP-AP130 Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
logo
Diodes Incorporated
AP130-15WL-7 DIODES-AP130-15WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-25SAG-7 DIODES-AP130-25SAG-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-33WL-7 DIODES-AP130-33WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 DIODES-AP130 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com