Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL41-33A-E3-96 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TGL41-33A-E3-96
Description  TRANSZorb Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TGL41-33A-E3-96 Datasheet(HTML) 3 Page - Vishay Siliconix

  TGL41-33A-E3-96 Datasheet HTML 1Page - Vishay Siliconix TGL41-33A-E3-96 Datasheet HTML 2Page - Vishay Siliconix TGL41-33A-E3-96 Datasheet HTML 3Page - Vishay Siliconix TGL41-33A-E3-96 Datasheet HTML 4Page - Vishay Siliconix TGL41-33A-E3-96 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TGL41-6.8A thru TGL41-200A
www.vishay.com
Vishay General Semiconductor
Revision: 11-Dec-12
3
Document Number: 88403
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Peak Pulse Power Rating Curve
Fig. 2 - Pulse Power or Current vs. Initial Junction Temperature
Fig. 3 - Pulse Waveform
Fig. 4 - Typical Junction Capacitance
Fig. 5 - Power Derating Curve
Fig. 6 - Maximum Non-Repetitive Peak Forward Surge Current
Uni-Directional Only
td - Pulse Width
100
10
1
0.1
0.1 µs
1.0 µs
10 µs
100 µs
1.0 ms
10 ms
TGL41-100
TGL200A
TGL41-6.8
TGL91A
Non-Repetitive Pulse
Waveform shown in Fig. 3
T
A = 25 °C
TJ - Initial Temerature (°C)
100
50
25
0
025
50
100
150
200
75
75
125
175
t - Time (ms)
150
50
0
0
2.0
4.0
100
1.0
3.0
Peak Value
I
PPM
10/1000 µs Waveform
as defined by R.E.A.
Half Value -
I
PPM
I
PP
2
T
J = 25 °C
Pulse Width (t
d)
is defined as the Point
where the Peak Current
decays to 50 % of I
PPM
t
r = 10 µs
t
d
Measured at Stand-Off
Voltage V
WM
VBR - Breakdown Voltage (V)
10 000
1000
100
10
1
10
100
1000
Uni-Directional
Measured at
Zero Bias
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
TL - Lead Temerature (°C)
1.00
0.50
0.25
0
025
50
100
150
200
0.75
75
125
175
Number of Cycles at 60 Hz
50
10
0
1100
40
10
30
20
T
J = TJ Max.
8.3 ms Single Half Sine-Wave


Similar Part No. - TGL41-33A-E3-96

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
TGL41-33A DIOTEC-TGL41-33A Datasheet
164Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Vishay Siliconix
TGL41-33A VISHAY-TGL41-33A Datasheet
88Kb / 5P
   TRANSZorb® Transient Voltage Suppressors
01-Jan-2022
logo
Microsemi Corporation
TGL41-33A MICROSEMI-TGL41-33A Datasheet
189Kb / 4P
   500 Watt Transient Voltage Suppressor
TGL41-33A MICROSEMI-TGL41-33A Datasheet
197Kb / 4P
   500 Watt Transient Voltage Suppressor
logo
Vishay Siliconix
TGL41-33A VISHAY-TGL41-33A Datasheet
66Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
More results

Similar Description - TGL41-33A-E3-96

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6KE22A-E3 VISHAY-P6KE22A-E3 Datasheet
324Kb / 16P
   TRANSZORB Transient Voltage Suppressors
Revision: 22-Oct-08
5KP24A-E3 VISHAY-5KP24A-E3 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
P6KE47A-E3 VISHAY-P6KE47A-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE170CA-E3 VISHAY-P6KE170CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE43CA-E3 VISHAY-P6KE43CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
1.5KE6.8 VISHAY-1.5KE6.8 Datasheet
115Kb / 8P
   TRANSZORB Transient Voltage Suppressors
20-Jun-06
BZW04P-5V8 VISHAY-BZW04P-5V8_11 Datasheet
393Kb / 6P
   TransZorb Transient Voltage Suppressors
Revision: 12-Jul-11
ICTE5 VISHAY-ICTE5 Datasheet
80Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 07-May-10
5KP33AHE3-54 VISHAY-5KP33AHE3-54 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
1N6377HE373 VISHAY-1N6377HE373 Datasheet
89Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com