Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP0610T Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TP0610T
Description  P-Channel 60-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP0610T Datasheet(HTML) 1 Page - Vishay Siliconix

  TP0610T Datasheet HTML 1Page - Vishay Siliconix TP0610T Datasheet HTML 2Page - Vishay Siliconix TP0610T Datasheet HTML 3Page - Vishay Siliconix TP0610T Datasheet HTML 4Page - Vishay Siliconix TP0610T Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TP0610L/T, VP0610L/T, BS250
Vishay Siliconix
Document Number: 70209
S-41260—Rev. H, 05-Jul-04
www.vishay.com
1
P-Channel 60-V (D-S) MOSFET
PRODUCT SUMMARY
Part Number
V(BR)DSS Min (V)
rDS(on) Max (W)
VGS(th) (V)
ID (A)
TP0610L
−60
10 @ VGS = −10 V
−1 to −2.4
−0.18
TP0610T
−60
10 @ VGS = −10 V
−1 to −2.4
−0.12
VP0610L
−60
10 @ VGS = −10 V
−1 to −3.5
−0.18
VP0610T
−60
10 @ VGS = −10 V
−1 to −3.5
−0.12
BS250
−45
14 @ VGS = −10 V
−1 to −3.5
−0.18
FEATURES
BENEFITS
APPLICATIONS
D High-Side Switching
D Low On-Resistance: 8 W
D Low Threshold: −1.9 V
D Fast Switching Speed: 16 ns
D Low Input Capacitance: 15 pF
D Ease in Driving Switches
D Low Offset (Error) Voltage
D Low-Voltage Operation
D High-Speed Switching
D Easily Driven Without Buffer
D Drivers: Relays, Solenoids, Lamps,
Hammers, Displays, Memories,
Transistors, etc.
D Battery Operated Systems
D Power Supply, Converter Circuits
D Motor Control
TP0610T
VP0610T
1
TO-226AA
(TO-92)
Top View
S
D
G
2
3
TO-92-18RM
(TO-18 Lead Form)
Top View
D
S
G
1
2
3
G
S
D
Top View
2
3
TO-236
(SOT-23)
1
BS250
TP0610L
VP0610L
Device Marking
Front View
“S” TP
0610L
xxll
Device Marking
Front View
“S” VP
0610L
xxll
“S” = Siliconix Logo
xxll
= Date Code
TP0610L
VP0610L
Device Marking
Front View
“S” BS
250
xxll
“S” = Siliconix Logo
xxll
= Date Code
BS250
Marking Code:
TP0610T: TOwll
VP0610T: VOwll
w
= Week Code
lL
= Lot Traceability
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
TP0610L
TP0610T
VP0610L
VP0610T
BS250
Unit
Drain-Source Voltage
VDS
−60
−60
−60
−60
−45
V
Gate-Source Voltage
VGS
"30
"30
"30
"30
"25
V
Continuous Drain Current
TA= 25_C
ID
−0.18
−0.12
−0.18
−0.12
−0.18
Continuous Drain Current
(TJ = 150_C)
TA= 100_C
ID
−0.11
−0.07
−0.11
−0.07
A
Pulsed Drain Currenta
IDM
−0.8
−0.4
−0.8
−0.4
Power Dissipation
TA= 25_C
PD
0.8
0.36
0.8
0.36
0.83
W
Power Dissipation
TA= 100_C
PD
0.32
0.14
0.32
0.14
W
Thermal Resistance, Junction-to-Ambient
RthJA
156
350
156
350
150
_C/W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
_C
Notes
a.
Pulse width limited by maximum junction temperature.
For applications information see AN804.


Similar Part No. - TP0610T

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TP0610T SUTEX-TP0610T Datasheet
453Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
logo
Vishay Siliconix
TP0610T VISHAY-TP0610T Datasheet
62Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. H, 05-Jul-04
logo
Supertex, Inc
TP0610T SUTEX-TP0610T Datasheet
656Kb / 5P
   P-Channel Enhancement Mode Vertical DMOS FETs
logo
Microchip Technology
TP0610T MICROCHIP-TP0610T Datasheet
1Mb / 14P
   P-Channel Enhancement-Mode Vertical DMOS FET
05/14/19
logo
Supertex, Inc
TP0610T-G SUTEX-TP0610T-G Datasheet
656Kb / 5P
   P-Channel Enhancement Mode Vertical DMOS FETs
More results

Similar Description - TP0610T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. A, 03-Nov-03
logo
Bruckewell Technology L...
MSD30P06 BWTECH-MSD30P06 Datasheet
544Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM90P06-20B ANALOGPOWER-AM90P06-20B Datasheet
367Kb / 5P
   P-Channel 60-V (D-S) MOSFET
AM30P06-40D ANALOGPOWER-AM30P06-40D Datasheet
350Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. D, 29-Nov-99
logo
Analog Power
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
   P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 12-Dec-05
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
   P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com