Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68EN360CAI25L Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC68EN360CAI25L
Description  Up to 32-Bit Data Bus (Dynamic Bus Sizing for 8 and 16 Bits), Up to 32 Address Lines (At Least 28 Always Available)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68EN360CAI25L Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC68EN360CAI25L Datasheet HTML 1Page - Freescale Semiconductor, Inc MC68EN360CAI25L Datasheet HTML 2Page - Freescale Semiconductor, Inc MC68EN360CAI25L Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68EN360CAI25L Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68EN360CAI25L Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68EN360CAI25L Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68EN360CAI25L Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68EN360CAI25L Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68EN360CAI25L Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Order this document
by MC68360D
MC68360
Product Brief
MC68360 QUad Integrated Communication
Controller (QUICC)
INTRODUCTION
The MC68360 QUad Integrated Communication Controller (QUICC
) is a versatile one-chip integrated
microprocessor and peripheral combination that can be used in a variety of controller applications. It
particularly excels in communications activities. The QUICC (pronounced “quick”) can be described as a
next-generation MC68302 with higher performance in all areas of device operation, increased flexibility,
major extensions in capability, and higher integration. The term "quad" comes from the fact that there are
four serial communications controllers (SCCs) on the device; however, there are actually seven serial
channels: four SCCs, two serial management controllers (SMCs), and one serial peripheral interface (SPI).
QUICC Key Features
The following list summarizes the key MC68360 QUICC features:
• CPU32+ Processor (4.5 MIPS at 25 MHz)
— 32-Bit Version of the CPU32 Core (Fully Compatible with the CPU32)
— Background Debug Mode
— Byte-Misaligned Addressing
• Up to 32-Bit Data Bus (Dynamic Bus Sizing for 8 and 16 Bits)
• Up to 32 Address Lines (At Least 28 Always Available)
• Complete Static Design (0–25-MHz Operation)
• Slave Mode To Disable CPU32+ (Allows Use with External Processors)
— Multiple QUICCs Can Share One System Bus (One Master)
— MC68040 Companion Mode Allows QUICC To Be an MC68040 Companion
For More Information On This Product,
Go to: www.freescale.com
Freescale Semiconductor


Similar Part No. - MC68EN360CAI25L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68EN360CFE25 MOTOROLA-MC68EN360CFE25 Datasheet
2Mb / 962P
   QUad Integrated Communications Controller Users Manual
More results

Similar Description - MC68EN360CAI25L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MC68150 IDT-MC68150 Datasheet
637Kb / 40P
   32-Bit to 32/16/8-Bit Dynamic READ/WRITE Bus Sizer
logo
Texas Instruments
DP83936AVUL-20 TI1-DP83936AVUL-20_11 Datasheet
1Mb / 106P
[Old version datasheet]   32-bit non-multiplexed address and data bus
logo
ON Semiconductor
FST16233 ONSEMI-FST16233 Datasheet
203Kb / 8P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
Revised November 2000
logo
Fairchild Semiconductor
FST16233 FAIRCHILD-FST16233 Datasheet
100Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FSTU32160A FAIRCHILD-FSTU32160A Datasheet
96Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FST16233MTDX FAIRCHILD-FST16233MTDX Datasheet
101Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
logo
National Instruments Co...
NI673X NI-NI673X Datasheet
337Kb / 8P
   High-Speed Voltage Output - up to 1 MS/s/Channel,up to 16 Bits, up to 32 Channels
logo
White Electronic Design...
WC32P020-XXM WEDC-WC32P020-XXM Datasheet
476Kb / 14P
   16 32-Bit General-Purpose Data and Address Registers
logo
Texas Instruments
SN74CBT16390 TI-SN74CBT16390_08 Datasheet
333Kb / 11P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
logo
Fairchild Semiconductor
FST16232 FAIRCHILD-FST16232 Datasheet
98Kb / 6P
   Synchronous 16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com