Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3932SLD-T Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A3932SLD-T
Description  Three-Phase Power MOSFET Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3932SLD-T Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A3932SLD-T Datasheet HTML 2Page - Allegro MicroSystems A3932SLD-T Datasheet HTML 3Page - Allegro MicroSystems A3932SLD-T Datasheet HTML 4Page - Allegro MicroSystems A3932SLD-T Datasheet HTML 5Page - Allegro MicroSystems A3932SLD-T Datasheet HTML 6Page - Allegro MicroSystems A3932SLD-T Datasheet HTML 7Page - Allegro MicroSystems A3932SLD-T Datasheet HTML 8Page - Allegro MicroSystems A3932SLD-T Datasheet HTML 9Page - Allegro MicroSystems A3932SLD-T Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Three-Phase Power MOSFET Controller
A3932
6
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
ELECTRICAL CHARACTERISTICS: unless otherwise noted at TA = 25°C; VBB = 18 V to 50 V; CLCAP,
Cboot = 0.1 μF; CREG = 10 μF; Cload = 3300 pF; fPWM = 22.5 kHz Square Wave; Two Phases Active.
Parameter
Symbol
Conditions
Limits
Min
Typ
Max
Units
Bootstrap Capacitor
Bootstrap Charge Current
ICx
100
mA
Bootstrap Output Voltage
VCx
VSx = 0, ICx = 0, VREG = 13 V
10.4
11.6
12.8
V
Bootstrap Resistance
rCx
ICx = -50 mA
9.0
12
Ω
Current Limit Circuitry
Input Offset Voltage
Vio
0 V
≤ VIC ≤ 1.5 V
±5.0
mV
SENSE Input Current
ISENSE
VIC
≥ 0 V, VID ≤ 1.5 V
-25
μA
REFERENCE Input Current
IREF
VIC
≥ 0 V, VID ≤ 1.5 V
–0–
μA
Blank Time
tblank
RT = 56 kΩ, CT = 470 pF
0.91
μs
RC Charge Current
IRC
-0.9
-1.0
-1.1
mA
RC Voltage Threshold
VRCL
1.0
1.1
1.2
V
VRCH
2.7
3.0
3.3
V
Protection Circuitry
Bootstrap Charge Threshold
ICx
-9.0
mA
Motor Short-to-Ground Monitor
VDSH
VBB - VSX, high side on
1.3
2.0
2.7
V
Undervoltage Threshold
UVLO
Increasing VREG
9.2
9.7
10.2
V
Decreasing VREG
8.6
9.1
9.6
V
FAULT Output Voltage
VFAULT
IO = 1 mA
0.5
V
TACH Output Voltage
VTACH
IO = 1 mA
0.5
V
TACH Output Pulse Width
tTACH
IO = 1 mA, CTACH = 50 pF
0.75
μs
Thermal Shutdown Temp.
TJ
165
°C
Thermal Shutdown Hyster-
esis
∆TJ
–10–°C
Thermal Resistance
RθJA
Package EQ Four-layer PCB
37
°C/W
Package LD Four-layer PCB
51
°C/W
NOTES:
1. Typical Data is for design information only.
2. Negative current is defined as coming out of (sourcing) the specified device terminal.


Similar Part No. - A3932SLD-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3932SEQ ALLEGRO-A3932SEQ Datasheet
67Kb / 8P
   THREE PHASE POWER MOSFET CONTROLLER
03/02/99
A3932SEQ-T ALLEGRO-A3932SEQ-T Datasheet
277Kb / 13P
   THREE-PHASE POWER MOSFET CONTROLLER
A3932SEQTR-T ALLEGRO-A3932SEQTR-T Datasheet
277Kb / 13P
   THREE-PHASE POWER MOSFET CONTROLLER
More results

Similar Description - A3932SLD-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3938SEQ ALLEGRO-A3938SEQ Datasheet
399Kb / 11P
   Three-Phase Power MOSFET Controller
A3938SLDTR ALLEGRO-A3938SLDTR Datasheet
369Kb / 11P
   Three-Phase Power MOSFET Controller
A3932 ALLEGRO-A3932_13 Datasheet
364Kb / 12P
   Three-Phase Power MOSFET Controller
3932 ALLEGRO-3932 Datasheet
67Kb / 8P
   THREE PHASE POWER MOSFET CONTROLLER
03/02/99
A3938 ALLEGRO-A3938_16 Datasheet
369Kb / 11P
   Three-Phase Power MOSFET Controller
3932 ALLEGRO-3932_03 Datasheet
277Kb / 13P
   THREE-PHASE POWER MOSFET CONTROLLER
3935 ALLEGRO-3935_03 Datasheet
299Kb / 15P
   THREE-PHASE POWER MOSFET CONTROLLER
A3938 ALLEGRO-A3938 Datasheet
370Kb / 11P
   Three-Phase Power MOSFET Controller
A3932 ALLEGRO-A3932 Datasheet
365Kb / 12P
   Three-Phase Power MOSFET Controller
3933 ALLEGRO-3933 Datasheet
168Kb / 12P
   THREE-PHASE POWER MOSFET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com