Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1206L050 Datasheet(PDF) 4 Page - Littelfuse

Part # 1206L050
Description  Fast response to fault currents Compact design saves board space
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1206L050 Datasheet(HTML) 4 Page - Littelfuse

  1206L050 Datasheet HTML 1Page - Littelfuse 1206L050 Datasheet HTML 2Page - Littelfuse 1206L050 Datasheet HTML 3Page - Littelfuse 1206L050 Datasheet HTML 4Page - Littelfuse 1206L050 Datasheet HTML 5Page - Littelfuse 1206L050 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
30
Revised: June 6, 2012
POLY-FUSE
® Resettable PTCs
© 2012 Littelfuse, Inc.
1206L Series
Surface Mount > 1206L Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/1206L.html for current information.
Dimensions
Part
Number
AB
C
D
E
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Min
Max
Min Max
Min
Max
Min Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
1206L012
0.12 0.13
3
3.4
0.06 0.07
1.5
1.8
0.03 0.06 0.65 1.45
0.01
0.03
0.25
0.75 0.002 0.018
0.05
0.45
1206L016
0.03 0.06 0.65 1.45
1206L020
0.02 0.04 0.5
1
1206L025
0.02 0.04 0.5
1
1206L035
0.02 0.03 0.45 0.75
1206L035/16
0.02 0.03 0.45 0.75
1206L050
0.02 0.03 0.45 0.75
1206L050/15
0.02 0.03 0.45 0.75
1206L075/13.2
0.03 0.05 0.75 1.25
1206L075TH
0.02 0.03 0.45 0.75
1206L110TH
0.01 0.02 0.30 0.60
1206L150TH
0.02 0.04 0.50
1
1206L175
0.03 0.08 0.80 1.8
1206L200
0.03 0.07 0.80 1.6
C
Top
View
Pad
Layout
Side
View
Bottom
View
1.80 mm
(.071)
1.80 mm
(.071)
1.00 mm
(.040)
D
MARKING CODE VARIES
WITH AMPERAGE RATING
(SEE ELECTRICAL CHARACTERISTICS CHART)
SHOWN IS 1.0 AMP RATING
E
A
B
N
N


Similar Part No. - 1206L050

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L050 LITTELFUSE-1206L050 Datasheet
129Kb / 2P
   Surface Mount PTC
1206L050 LITTELFUSE-1206L050 Datasheet
797Kb / 6P
   The 1206L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired.
1206L050 LITTELFUSE-1206L050 Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
1206L050-15 LITTELFUSE-1206L050-15 Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
1206L050-C LITTELFUSE-1206L050-C Datasheet
359Kb / 5P
   POLYFUSE짰 Resettable PTCs
More results

Similar Description - 1206L050

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PCF-RC TTELEC-PCF-RC Datasheet
156Kb / 1P
   saves board space
logo
Maxim Integrated Produc...
MAXM17543 MAXIM-MAXM17543 Datasheet
829Kb / 18P
   Saves Board Space in Space-Constrained Applications
Rev 0; 11/14
logo
Bourns Electronic Solut...
MF-FSMF050X-2 BOURNS-MF-FSMF050X-2 Datasheet
264Kb / 4P
   Compact design to save board space - 0603 footprint
logo
Maxim Integrated Produc...
MAXM17514 MAXIM-MAXM17514 Datasheet
588Kb / 15P
   Saves Board Space in Space-Constrained Applications
Rev 1; 4/15
logo
Micro Commercial Compon...
ESDLC0524DFN10 MCC-ESDLC0524DFN10 Datasheet
689Kb / 4P
   Small package saves board space
logo
Shanghai Leiditech Elec...
SMD1812 LEIDITECH-SMD1812 Datasheet
764Kb / 5P
   Smaller size saves board space and cost
30V LEIDITECH-30V Datasheet
638Kb / 3P
   Smaller size saves board space and cost
logo
Axiomtek Co., Ltd.
GOT-3840TL AXIOMTEK-GOT-3840TL_16 Datasheet
318Kb / 2P
   Compact design for space-limited application
GOT-3840TL AXIOMTEK-GOT-3840TL Datasheet
277Kb / 2P
   Compact design for space-limited application
logo
Productwell Precision E...
RKJXP13N01 PRODUCTWELL-RKJXP13N01_14 Datasheet
150Kb / 1P
   Compact design with a good space factor.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com