Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA15QS50-1 Datasheet(PDF) 7 Page - Littelfuse

Part # LA15QS50-1
Description  Traditional Semiconductor Fuses Very Fast-Acting 1 ??1200 Amperes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LA15QS50-1 Datasheet(HTML) 7 Page - Littelfuse

  LA15QS50-1 Datasheet HTML 1Page - Littelfuse LA15QS50-1 Datasheet HTML 2Page - Littelfuse LA15QS50-1 Datasheet HTML 3Page - Littelfuse LA15QS50-1 Datasheet HTML 4Page - Littelfuse LA15QS50-1 Datasheet HTML 5Page - Littelfuse LA15QS50-1 Datasheet HTML 6Page - Littelfuse LA15QS50-1 Datasheet HTML 7Page - Littelfuse LA15QS50-1 Datasheet HTML 8Page - Littelfuse LA15QS50-1 Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
POWR-GARD® Fuse Datasheet
Special Purpose
©June 2011 Littelfuse
www.littelfuse.com
7
alTernaTe dimenSion SemiconducTor FuSeS
600 VAC/DC • Very Fast-Acting • 5-40 Amperes
690 VAC/700 VDC • Very Fast-Acting • 10-100 Amperes
Specifications
Voltage Rating:
AC: 600 V
DC: 600 V
Interrupting Rating:
AC: 200 kA
DC: 100 kA
Ampere Range:
5 – 40 A
Approvals:
UL Recognized
ampere
raTing
liTTelFuSe
caTalog
numBer
mounTing
Type
maximum
clearing i2T
@600 Vac
(a2S x 103)
WaTTS loSS
@ raTed
currenT (W)
5
LA60Q5-2
2
60
0.7
8
LA60Q8-2
2
70
1.1
10
LA60Q10-2
2
110
1.6
12
LA60Q12-2
2
150
2
15
LA60Q15-2
2
180
3
20
LA60Q20-2
2
330
4.4
25
LA60Q25-2
2
440
5.5
30
LA60Q30-2
2
860
5.6
35
LA60Q35-2
2
1300
6.4
40
LA60Q40-2
2
1800
7
1
½
13
/32
Description
Littelfuse LA60Q semiconductor protection fuses feature
a 600 volt AC/DC rating in a compact size (1 12” x 1332”).
LA60Q also has the lowest I2t of all similar fuses and
excellent cycling ability. Applications include inverters and
small equipment requiring extremely fast response to
faults, without the need to carry sustained heavy overloads.
Dimensions in inches
Contact Littelfuse for characteristic curves.
Description
Littelfuse LA70QS semiconductor fuses were developed
to provide improved performance required by today’s new
equipment. The LA70QS features lower I2t, improved cycling,
and lower watts loss. It is the best choice for the protection
of dynamic solid-state equipment.
Dimensions in inches (mm)
Please see website for dimensions:
www.littelfuse.com/la70qs
Specifications
Voltage Rating:
AC: 690 V
DC: 700 V
Interrupting Rating:
AC: 200 kA
DC: 100 kA
Ampere Range:
10 – 100 A
Approvals:
UL Recognized
CSA Certified
Web Resources
TC Curves, downloadable CAD drawings and other technical
information: www.littelfuse.com/la70qs
Recommended Fuseholders
CYH series for non-striker fuses LA70QS(amp)22F .. pg. 173
CYH1451 series for LA70QS(amp)14F ...................... pg. 173
Web Resources
TC Curves, downloadable CAD drawings and other technical
information: www.littelfuse.com/la60qs
ampere
raTing
liTTelFuSe
caTalog
numBer
(no STriKer)
liTTelFuSe
caTalog
numBer
(WiTh STriKer)
Body
Size
maximum
clearing i2T
@700 Vac
(a2S x 103)
WaTTS loSS
@ raTed
currenT (W)
10
LA70QS10-14F LA70QS10-14FI 14 x 51
0.04
3.5
12
LA70QS12-14F LA70QS12-14FI 14 x 51
0.06
4.4
16
LA70QS16-14F LA70QS16-14FI 14 x 51
0.10
4.8
20
LA70QS20-14F LA70QS20-14FI 14 x 51
0.16
5.2
25
LA70QS25-14F LA70QS25-14FI 14 x 51
0.27
5.8
32
LA70QS32-14F LA70QS32-14FI 14 x 51
1.50
7.0
40
LA70QS40-14F LA70QS40-14FI 14 x 51
0.70
10.7
50
LA70QS50-14F LA70QS50-14FI 14 x 51
1.50
11.6
20
LA70QS20-22F LA70QS20-22FI 22 x 58
0.076
8.0
25
LA70QS25-22F LA70QS25-22FI 22 x 58
0.125
10.0
32
LA70QS32-22F LA70QS32-22FI 22 x 58
0.27
11.0
40
LA70QS40-22F LA70QS40-22FI 22 x 58
0.48
13.0
50
LA70QS50-22F LA70QS50-22FI 22 x 58
0.80
14.9
63
LA70QS63-22F LA70QS63-22FI 22 x 58
1.85
16.0
80
LA70QS80-22F LA70QS80-22FI 22 x 58
3.80
17.8
100
LA70QS100-22F LA70QS100-22FI 22 x 58
8.00
19.0
LA60Q Series Semiconductor Fuses
LA70QS Series French Cylindrical Fuses


Similar Part No. - LA15QS50-1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LA15QS50-1 LITTELFUSE-LA15QS50-1 Datasheet
112Kb / 2P
   Special Purpose Fuses
LA15QS50-1 LITTELFUSE-LA15QS50-1 Datasheet
775Kb / 8P
   Traditional Semiconductor Fuses
LA15QS50-1 LITTELFUSE-LA15QS50-1 Datasheet
113Kb / 2P
   LA15QS Semiconductor Fuses
2005
More results

Similar Description - LA15QS50-1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LA120X61 LITTELFUSE-LA120X61 Datasheet
96Kb / 1P
   1200 VAC ??Very Fast Acting ??1/2 ??30 Amperes
2005
L15S001 LITTELFUSE-L15S001 Datasheet
775Kb / 8P
   Traditional Semiconductor Fuses
logo
Eaton All Rights Reserv...
GBB EATON-GBB Datasheet
213Kb / 2P
   1??" x 1 1??" Very-fast acting ceramic tube fuses
logo
Cooper Bussmann, Inc.
JJN-10 COOPER-JJN-10 Datasheet
183Kb / 2P
   T-Tron짰 Very Fast Acting Fuses
JJN-100 COOPER-JJN-100 Datasheet
163Kb / 3P
   T-Tron Very Fast Acting Fuses
logo
Littelfuse
LA060URD32LI1250 LITTELFUSE-LA060URD32LI1250 Datasheet
627Kb / 10P
   L15S SERIES TRADITIONAL HIGH-SPEED 150 V ac ? Very Fast-Acting ? 1?1000 A
Rev: 041819
logo
CamdenBoss Ltd.
CFB2470FF CAMDENBOSS-CFB2470FF Datasheet
257Kb / 1P
   2.4x7mm micro miniature very fast acting axial fuses
logo
List of Unclassifed Man...
KTU-601 ETC1-KTU-601 Datasheet
664Kb / 4P
   fast-acting fuses
logo
Littelfuse
0448010.MR LITTELFUSE-0448010.MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2짰 > Very Fast-Acting > 448 Series
0448012.MR LITTELFUSE-0448012.MR Datasheet
289Kb / 4P
   Surface Mount Fuses NANO2 > Very Fast-Acting > 448 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com