Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS49FG Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TMP86FS49FG
Description  8 Bit Microcontroller
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49FG Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TMP86FS49FG Datasheet HTML 3Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 4Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 5Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 6Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 7Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 8Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 9Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 10Page - Toshiba Semiconductor TMP86FS49FG Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Page 5
TMP86FS49FG
1.4 Pin Names and Functions
Table 1-1 Pin Names and Functions(1/3)
Pin Name
Pin Number
Input/Output
Functions
P07
INT2
17
IO
I
PORT07
External interrupt 2 input
P06
SCK1
16
IO
IO
PORT06
Serial clock input/output 1
P05
SO1
15
IO
O
PORT05
Serial data output 1
P04
SI1
14
IO
I
PORT04
Serial data input 1
P03
INT1
13
IO
I
PORT03
External interrupt 1 input
P02
TxD1
12
IO
O
PORT02
UART data output 1
P01
RxD1
BOOT
11
IO
I
I
PORT01
UART data input 1
Serial PROM mode control input
P00
INT0
10
IO
I
PORT00
External interrupt 0 input
P17
TC6
PDO6/PWM6/PPG6
51
IO
I
O
PORT17
Timer counter 6 input
PDO6/PWM6/PPG6 output
P16
TC5
PDO5/PWM5
50
IO
I
O
PORT16
Timer counter 5 input
PDO5/PWM5 output
P15
TC2
INT3
49
IO
I
I
PORT15
Timer counter 2 input
External interrupt 3 input
P14
TC4
PDO4/PWM4/PPG4
48
IO
I
O
PORT14
Timer counter 4 input
PDO4/PWM4/PPG4 output
P13
TC3
PDO3/PWM3
47
IO
I
O
PORT13
Timer counter 3 input
PDO3/PWM3 output
P12
PPG
46
IO
I
PORT12
PPG Output
P11
DVO
45
IO
O
PORT11
Divider output
P10
TC1
44
IO
I
PORT10
Timer counter 1 input
P22
XTOUT
7
IO
O
PORT22
Resonator connecting pins(32.768kHz) for inputting external
clock
P21
XTIN
6
IO
I
PORT21
Resonator connecting pins(32.768kHz) for inputting external
clock
P20
INT5
STOP
9
IO
I
I
PORT20
External interrupt 5 input
STOP mode release signal input
TENTATIVE


Similar Part No. - TMP86FS49FG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMP86FS49 ETC1-TMP86FS49 Datasheet
107Kb / 1P
   Highly Integrated 8-Bit Flash Microcontroller
logo
Toshiba Semiconductor
TMP86FS49AFG TOSHIBA-TMP86FS49AFG Datasheet
2Mb / 294P
   8 Bit Microcontroller
TMP86FS49AIFG TOSHIBA-TMP86FS49AIFG Datasheet
2Mb / 296P
   8 Bit Microcontroller
TMP86FS49AIUG TOSHIBA-TMP86FS49AIUG Datasheet
2Mb / 296P
   8 Bit Microcontroller
TMP86FS49AUG TOSHIBA-TMP86FS49AUG Datasheet
2Mb / 294P
   8 Bit Microcontroller
More results

Similar Description - TMP86FS49FG

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com