Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF0560.224NLT Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PF0560.224NLT
Description  SMT POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PF0560.224NLT Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PF0560.224NLT Datasheet HTML 1Page - Pulse A Technitrol Company PF0560.224NLT Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
36
SPM2007 (11/07)
SMT POWER INDUCTORS
Shielded Drum Core - PF0560NL Series
.005/0,13
.157
4,00
MAX
.118
3,00
TYP
.047
1,20
TYP
.303
7,70
TYP
.406
10,30 MAX
.409
10,40
MAX
PF0560.XXXNL
Date Code
Country of Origin
SUGGESTED PAD LAYOUT
.421
10,70
TYP
.287
7,30
TYP
.138
3,50
TYP
Mechanical
Schematic
Height: 4.0mm Max
Footprint: 10.4 x 10.4mm Max
Current Rating: up to 6.5A
Inductance Range: 1.5µH to 330µH
260°C reflow peak temperature qualified
Leaded technology compatible
1
2
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .004
0,10
Inductance
Inductance
Saturation 6
Heating 7
Core Loss 8
Part 2,3
@ 0ADC
@ Irated
Irated 5
DCR
Current ISAT
Current IDC
Factor
SRF
Number
(µH)
(µH TYP)
(A)
(m
Ω MAX)
-35% (A)
+30°C(A)
(K2)
(MHz)
PF0560.152NL
1.5 ±30%
1.5
6.5
8.1
10
6.5
260
>40
PF0560.252NL
2.5 ±30%
2.5
6.1
10.5
7.5
6.1
330
>40
PF0560.382NL
3.8 ±30%
3.8
5.5
13
6.0
5.5
420
39
PF0560.522NL
5.2 ±30%
5.2
5.4
22
5.5
5.4
480
34
PF0560.702NL
7.0 ±30%
7.0
4.5
27
4.8
4.5
500
29
PF0560.103NL
10 ±30%
10
3.8
35
4.4
3.8
630
25
PF0560.153NL
15 ±30%
15
3.1
50
3,6
3.1
790
19
PF0560.223NL
22 ±30%
22
2.5
73
2.9
2.5
910
17
PF0560.333NL
33 ±25%
33
2.2
93
2.3
2.2
1200
14
PF0560.473NL
47 ±25%
47
1.9
128
2.1
1.9
1300
10
PF0560.683NL
68 ±25%
68
1.42
213
1.5
1.42
1700
9.0
PF0560.104NL
100 ±25%
100
1.25
304
1.35
1.25
2000
6.6
PF0560.154NL
150 ±25%
150
0.85
506
1.15
0.85
2400
5.4
PF0560.224NL
220 ±25%
220
0.7
756
0.92
0.7
2900
5.2
PF0560.334NL
330 ±25%
330
0.52
1090
0.70
0.52
3580
3.2
NOTES FROM TABLE: (See page 43)
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +125°C 6
TAPE & REEL
LAYOUT
USER DIRECTION
OF FEED
.630
16,00
.945 ± .012
24,00 ± 0,30
.413
10,50
.224
5,70
Weight . . . . . . . . . . .1.4 grams
Tape & Reel . . . . . . . .620/reel
Tray . . . . . . . . . . . . . . .60/tray
0%
20%
40%
60%
80%
100%
120%
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Normalized Isat
Inductance vs Current Characteristics


Similar Part No. - PF0560.224NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PF0560.224NL PULSE-PF0560.224NL Datasheet
234Kb / 2P
   SMT POWER INDUCTORS Shielded Drum Core - PF0560NL Series
PF0560.224NL PULSE-PF0560.224NL Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
More results

Similar Description - PF0560.224NLT

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com