Electronic Components Datasheet Search |
|
TLC0838IPW Datasheet(PDF) 7 Page - Texas Instruments |
|
|
TLC0838IPW Datasheet(HTML) 7 Page - Texas Instruments |
7 / 19 page TLC0834C, TLC0834I, TLC0838C, TLC0838I 8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL SLAS094E – MARCH 1995 – REVISED OCTOBER 2000 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions MIN NOM MAX UNIT Supply voltage, VCC 4.5 5 5.5 V High-level input voltage, VIH 2 V Low-level input voltage, VIL 0.8 V Clock frequency, f(clock) 10 600 kHz Clock duty cycle (see Note 2) 40% 60% Pulse duration, CS high, tw 220 ns Setup time, CS low, SE low, or data valid before CLK ↑, tsu (see Figures 1 and 2) 350 ns Hold time, data valid after CLK ↑, th (see Figure 1) 90 ns Operating free air temperature TA C suffix 0 70 °C Operating free-air temperature, TA I suffix –40 85 °C NOTE 2: The clock-duty-cycle range ensures proper operation at all clock frequencies. When a clock frequency is used outside the recommended duty-cycle range, the minimum pulse duration (high or low) is 1 µs. electrical characteristics over recommended range of operating free-air temperature, VCC = 5 V, f(clock) = 250 kHz (unless otherwise noted) digital section PARAMETER TEST CONDITIONS† C SUFFIX I SUFFIX UNIT PARAMETER TEST CONDITIONS† MIN TYP‡ MAX MIN TYP‡ MAX UNIT VOH High level output voltage VCC = 4.75 V, IOH = – 360 µA 2.8 2.4 V VOH High-level output voltage VCC = 4.75 V, IOH = – 10 µA 4.6 4.5 V VOL Low-level output voltage VCC = 5.25 V, IOL = 1.6 mA 0.34 0.4 V IIH High-level input current VIH = 5 V, VIH = 5 V 0.005 1 0.005 1 µA IIL Low-level input current VIL = 0, VIL = 0 – 0.005 –1 – 0.005 –1 µA IOH High-level output (source) current VOH = 0, TA = 25°C – 6.5 –24 – 6.5 –24 mA IOL Low-level output (sink) current VOL = VCC, TA = 25°C 8 26 8 26 mA IOZ High-impedance-state output VO = 5 V, TA = 25°C 0.01 3 0.01 3 µA IOZ g current (DO or SARS) VO = 0, TA = 25°C – 0.01 –3 – 0.01 –3 µA Ci Input capacitance 5 pF Co Output capacitance 5 pF † All parameters are measured under open-loop conditions with zero common-mode input voltage (unless otherwise specified). ‡ All typical values are at VCC = 5 V, TA = 25°C. |
Similar Part No. - TLC0838IPW |
|
Similar Description - TLC0838IPW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |