Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL1411A350 Datasheet(PDF) 2 Page - Littelfuse

Part # SL1411A350
Description  RoHS complaint Lead-free Excellent response to fast rising transients
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1411A350 Datasheet(HTML) 2 Page - Littelfuse

  SL1411A350 Datasheet HTML 1Page - Littelfuse SL1411A350 Datasheet HTML 2Page - Littelfuse SL1411A350 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
©2008 Littelfuse, Inc.
60
Revised: January 16, 2009
Gas Plasma Arrester (GDT) Products
Heavy Duty Delta Range > SL1411A Series
SL1411A Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/SL1411A.html for current information.
Physical Specifications
Weight:
1.5 g
Plating Materials:
Dull tin base on nickel
Part Marking:
Littelfuse ‘LF’ marking, Voltage and date
code.
Component
Storage
Temperature
Operating
Temperature
Standard GDT
Environmental Specifications
Electrical Characteristics
s)
Voltage vs.Time Characteristic
Part
Number*
DC Breakover
Voltage @100 V/s
Volts
MAX Dynamic
Breakover Voltage
AC
Discharge
Current4
Amps
Max
Repetitive
Impulse
Current
kAmps
Max Single
Impulse Current
Max
Leakage
Current
nAmps
Holdover
Voltage
Volts
Nominal
On-state
Voltage
@ 1A
Volts
MIN
MAX
100 V/μs
Volts
1kV/μs
Volts
8/20μs
kAmps
10/350μs
kAmps
SL1411A075
90
500
700
10
10
50
50
SL1411A090
500
10
10
50
50
SL1411A150
500
10
10
50
50
550
700
10
10
100
10
10
100
900
10
10
100
SL1411A470
400
540
1000
1100
10
10
100
510
1400
10
10
100
1400
10
10
100
SL1411A1000
1150
10
10
100
Service Life Rating
10A
10/1000μs
1500 Operations
100A
10/1000μs
100 Operations
Time (ns)
0
200
400
600
800
1000
1200
Max dynamic breakover
voltage
Hold-over voltage
On-State voltage


Similar Part No. - SL1411A350

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1411A350 LITTELFUSE-SL1411A350 Datasheet
189Kb / 2P
   Two-terminal Gas Plasma Arrester
SL1411A350 LITTELFUSE-SL1411A350 Datasheet
420Kb / 6P
   SL1011A/B and SL1411A Series
SL1411A350 LITTELFUSE-SL1411A350 Datasheet
684Kb / 6P
   SL1011A/B and SL1411A Series
More results

Similar Description - SL1411A350

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
BS8000N-C-F BENCENT-BS8000N-C-F Datasheet
344Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS3500N-C-F BENCENT-BS3500N-C-F Datasheet
272Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS0060U-2G BENCENT-BS0060U-2G Datasheet
241Kb / 4P
   Eliminates overvoltage caused by fast rising transients
BS1100N-2A1 BENCENT-BS1100N-2A1 Datasheet
411Kb / 4P
   Eliminates overvoltage caused by fast rising transients
BS4200Q-C BENCENT-BS4200Q-C Datasheet
313Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS4200Q-D BENCENT-BS4200Q-D Datasheet
301Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS0060N-2C BENCENT-BS0060N-2C Datasheet
297Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS0060N-C-F BENCENT-BS0060N-C-F Datasheet
333Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS4200N-C-F BENCENT-BS4200N-C-F Datasheet
446Kb / 5P
   Eliminates overvoltage caused by fast rising transients
BS0640N-2C BENCENT-BS0640N-2C Datasheet
293Kb / 5P
   Eliminates overvoltage caused by fast rising transients
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com