Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F040-GQR Datasheet(PDF) 52 Page - Silicon Laboratories

Part # C8051F040-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F040-GQR Datasheet(HTML) 52 Page - Silicon Laboratories

Back Button C8051F040-GQR Datasheet HTML 48Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 49Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 50Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 51Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 52Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 53Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 54Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 55Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 56Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 328 page
background image
C8051F040/1/2/3/4/5/6/7
52
Rev. 1.5
5.2.
High-Voltage Difference Amplifier
The High Voltage Difference Amplifier (HVDA) can be used to measure high differential voltages up to 60 V
peak-to-peak, reject high common-mode voltages up to ±60 V, and condition the signal voltage range to be
suitable for input to ADC0. The input signal to the HVDA may be below AGND to –60 volts, and as high as
+60 volts, making the device suitable for both single and dual supply applications. The HVDA provides a
common-mode signal for the ADC via the High Voltage Reference Input (HVREF), allowing measurement
of signals outside the specified ADC input range using on-chip circuitry. The HVDA has a gain of 0.05 V/V
to 14 V/V. The first stage 20:1 difference amplifier has a gain of 0.05 V/V when the output amplifier is used
as a unity gain buffer. When the output amplifier is set to a gain of 280 (selected using the HVGAIN bits in
the High Voltage Control Register), an overall gain of 14 can be attained.
The HVDA uses four available external pins: +HVAIN, –HVAIN, HVCAP, and HVREF. HVAIN+ and HVAIN-
serve as the differential inputs to the HVDA. HVREF should be used to provide a common mode reference
for input to ADC0, and to prevent the output of the HVDA circuit from saturating. The output from the
HVDA circuit as calculated by Equation 5.1 must remain within the “Output Voltage Range” specification
listed in Table 5.3. The ideal value for HVREF in most applications is equal to 1/2 the supply voltage for the
device. When the ADC is configured for differential measurement, the HVREF signal is applied to the AIN-
input of the ADC, thereby removing HVREF from the measurement. HVCAP facilitates the use of a capac-
itor for noise filtering in conjunction with R7 (see Figure 5.3 for R7 and other approximate resistor values).
Alternatively, the HVCAP could also be used to access amplification of the first stage of the HVDA at an
external pin. (See Table 5.3 on page 68 for electrical specifications of the HVDA.)
Equation 5.1. Calculating HVDA Output Voltage to AIN+
Figure 5.3. High Voltage Difference Amplifier Functional Diagram
V
OUT
HVAIN+

HVAIN-

 Gain HVREF
+
=
Note: The output voltage of the HVDA is selected as an input to the AIN+ input of ADC0 via its analog multiplexer
(AMUX0). HVDA output voltages outside the ADC’s input range will result in saturation of the ADC input. Allow
for adequate settle/tracking time for proper voltage measurements.
k
5k
100k
5k
HVA0CN
Gain Setting
HVAIN-
HVAIN+
HVREF
HVCAP
Vout
(To AMUX0)
5k
Resistor values are
approximate


Similar Part No. - C8051F040-GQR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
89Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - C8051F040-GQR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com