Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

C8051F040-GQR Datasheet(PDF) 67 Page - Silicon Laboratories

Part No. C8051F040-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F040-GQR Datasheet(HTML) 67 Page - Silicon Laboratories

Back Button C8051F040-GQR Datasheet HTML 63Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 64Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 65Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 66Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 67Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 68Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 69Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 70Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 71Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 328 page
background image
C8051F040/1/2/3/4/5/6/7
Rev. 1.5
67
Table 5.2. 12-Bit ADC0 Electrical Characteristics
VDD = 3.0 V, AV+ = 3.0 V, VREF = 2.40 V (REFBE = 0), PGA Gain = 1, –40 to +85 °C unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
DC Accuracy
Resolution
12
bits
Integral Nonlinearity
±1
LSB
Differential Nonlinearity
Guaranteed Monotonic
±1
LSB
Offset Error
Note 1
0.5±3
LSB
Full Scale Error
Differential mode; See Note 1
0.4±3
LSB
Offset Temperature Coefficient
±0.25
ppm/°C
Dynamic Performance (10 kHz sine-wave input, 0 to 1 dB below Full Scale, 100 ksps)
Signal-to-Noise Plus Distortion
66
dB
Total Harmonic Distortion
Up to the 5th harmonic
–75
dB
Spurious-Free Dynamic Range
80
dB
Conversion Rate
Maximum SAR Clock Frequency
2.5
MHz
Conversion Time in SAR Clocks
16
clocks
Track/Hold Acquisition Time
1.5
µs
Throughput Rate
100
ksps
Analog Inputs
Input Voltage Range
Single-ended operation
0
VREF
V
Common-mode Voltage Range
Differential operation
AGND
AV+
V
Input Capacitance
10
pF
Temperature Sensor
Nonlinearity
Notes 1, 2
±1
°C
Absolute Accuracy
Notes 1, 2
±3
°C
Gain
Notes 1, 2
2.86
±0.034
mV/°C
Offset
Notes 1, 2 (Temp = 0 °C)
0.776
±0.009
V
Power Specifications
Power Supply Current (AV+ sup-
plied to ADC)
Operating Mode, 100 ksps
450
900
µA
Power Supply Rejection
±0.3
mV/V
Notes:
1. Represents one standard deviation from the mean.
2. Includes ADC offset, gain, and linearity variations.


Similar Part No. - C8051F040-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
89Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - C8051F040-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
List of Unclassifed Manufacturers
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
Silicon Laboratories
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz