Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

C8051F040-GQR Datasheet(PDF) 100 Page - Silicon Laboratories

Part No. C8051F040-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F040-GQR Datasheet(HTML) 100 Page - Silicon Laboratories

Back Button C8051F040-GQR Datasheet HTML 96Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 97Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 98Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 99Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 100Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 101Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 102Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 103Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 104Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 328 page
background image
C8051F040/1/2/3/4/5/6/7
100
Rev. 1.5
7.3.
ADC2 Programmable Window Detector
The ADC2 Programmable Window Detector continuously compares the ADC2 output to user-programmed
limits, and notifies the system when an out-of-bound condition is detected. This is especially effective in an
interrupt-driven system, saving code space and CPU bandwidth while delivering faster system response
times. The window detector interrupt flag (AD2WINT in ADC2CN) can also be used in polled mode. The
reference words are loaded into the ADC2 Greater-Than and ADC2 Less-Than registers (ADC2GT and
ADC2LT). Notice that the window detector flag can be asserted when the measured data is inside or out-
side the user-programmed limits, depending on the programming of the ADC2GT and ADC2LT registers.
SFR Definition 7.6. ADC2GT: ADC2 Greater-Than Data
SFR Definition 7.7. ADC2LT: ADC2 Less-Than Data
7.3.1. Window Detector in Single-Ended Mode
Figure 7.5 shows two example window comparisons for Single-ended mode, with ADC2LT = 0x20 and
ADC2GT = 0x10. In Single-ended mode, the codes vary from 0 to VREF x (255/256) and are represented
as 8-bit unsigned integers. In the left example, an AD2WINT interrupt will be generated if the ADC2 con-
version word (ADC2) is within the range defined by ADC2GT and ADC2LT (if 0x10
 ADC2  0x20). In the
right example, and AD2WINT interrupt will be generated if ADC2 is outside of the range defined by
ADC2GT and ADC2LT (if ADC2
 0x10 or ADC2  0x20).
Bits7-0:
High byte of ADC2 Greater-Than Data Word.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
11111111
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
SFR Page:
0xC4
2
Bits7-0:
Low byte of ADC2 Greater-Than Data Word.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
SFR Page:
0xC6
2


Similar Part No. - C8051F040-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
89Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - C8051F040-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
List of Unclassifed Manufacturers
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
Silicon Laboratories
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz