Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

C8051F040-GQR Datasheet(PDF) 15 Page - Silicon Laboratories

Part # C8051F040-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F040-GQR Datasheet(HTML) 15 Page - Silicon Laboratories

Back Button C8051F040-GQR Datasheet HTML 11Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 12Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 13Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 14Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 15Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 16Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 17Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 18Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 19Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 328 page
background image
C8051F040/1/2/3/4/5/6/7
Rev. 1.5
15
List of Registers
SFR Definition 5.1. AMX0CF: AMUX0 Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . 49
SFR Definition 5.2. AMX0SL: AMUX0 Channel Select . . . . . . . . . . . . . . . . . . . . . . . . . 49
SFR Definition 5.3. AMX0PRT: Port 3 Pin Selection . . . . . . . . . . . . . . . . . . . . . . . . . . 51
SFR Definition 5.4. HVA0CN: High Voltage Difference Amplifier Control . . . . . . . . . . . 53
SFR Definition 5.5. ADC0CF: ADC0 Configuration Register . . . . . . . . . . . . . . . . . . . . 58
SFR Definition 5.6. ADC0CN: ADC0 Control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
SFR Definition 5.7. ADC0H: ADC0 Data Word MSB . . . . . . . . . . . . . . . . . . . . . . . . . . 60
SFR Definition 5.8. ADC0L: ADC0 Data Word LSB . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
SFR Definition 5.9. ADC0GTH: ADC0 Greater-Than Data High Byte . . . . . . . . . . . . . 62
SFR Definition 5.10. ADC0GTL: ADC0 Greater-Than Data Low Byte . . . . . . . . . . . . . 62
SFR Definition 5.11. ADC0LTH: ADC0 Less-Than Data High Byte . . . . . . . . . . . . . . . 62
SFR Definition 5.12. ADC0LTL: ADC0 Less-Than Data Low Byte . . . . . . . . . . . . . . . . 63
SFR Definition 6.1. AMX0CF: AMUX0 Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . 71
SFR Definition 6.2. AMX0SL: AMUX0 Channel Select . . . . . . . . . . . . . . . . . . . . . . . . 71
SFR Definition 6.3. AMX0PRT: Port 3 Pin Selection . . . . . . . . . . . . . . . . . . . . . . . . . . 73
SFR Definition 6.4. HVA0CN: High Voltage Difference Amplifier Control . . . . . . . . . . . 75
SFR Definition 6.5. ADC0CF: ADC0 Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
SFR Definition 6.6. ADC0CN: ADC0 Control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
SFR Definition 6.7. ADC0H: ADC0 Data Word MSB . . . . . . . . . . . . . . . . . . . . . . . . . . 82
SFR Definition 6.8. ADC0L: ADC0 Data Word LSB . . . . . . . . . . . . . . . . . . . . . . . . . . . 82
SFR Definition 6.9. ADC0GTH: ADC0 Greater-Than Data High Byte . . . . . . . . . . . . . 84
SFR Definition 6.10. ADC0GTL: ADC0 Greater-Than Data Low Byte . . . . . . . . . . . . . 84
SFR Definition 6.11. ADC0LTH: ADC0 Less-Than Data High Byte . . . . . . . . . . . . . . . 84
SFR Definition 6.12. ADC0LTL: ADC0 Less-Than Data Low Byte . . . . . . . . . . . . . . . . 85
SFR Definition 7.1. AMX2CF: AMUX2 Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . 95
SFR Definition 7.2. AMX2SL: AMUX2 Channel Select . . . . . . . . . . . . . . . . . . . . . . . . . 95
SFR Definition 7.3. ADC2CF: ADC2 Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . 97
SFR Definition 7.4. ADC2CN: ADC2 Control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 98
SFR Definition 7.5. ADC2: ADC2 Data Word . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 99
SFR Definition 7.6. ADC2GT: ADC2 Greater-Than Data . . . . . . . . . . . . . . . . . . . . . . 100
SFR Definition 7.7. ADC2LT: ADC2 Less-Than Data . . . . . . . . . . . . . . . . . . . . . . . . . 100
SFR Definition 8.1. DAC0H: DAC0 High Byte . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 107
SFR Definition 8.2. DAC0L: DAC0 Low Byte . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 107
SFR Definition 8.3. DAC0CN: DAC0 Control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 108
SFR Definition 8.4. DAC1H: DAC1 High Byte . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 109
SFR Definition 8.5. DAC1L: DAC1 Low Byte . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 109
SFR Definition 8.6. DAC1CN: DAC1 Control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110
SFR Definition 9.1. REF0CN: Reference Control . . . . . . . . . . . . . . . . . . . . . . . . . . . . 114
SFR Definition 10.1. REF0CN: Reference Control . . . . . . . . . . . . . . . . . . . . . . . . . . . 118
SFR Definition 11.1. CPTnCN: Comparator 0, 1, and 2 Control . . . . . . . . . . . . . . . . . 124
SFR Definition 11.2. CPTnMD: Comparator Mode Selection . . . . . . . . . . . . . . . . . . . 125
SFR Definition 12.1. SFR Page Control Register: SFRPGCN . . . . . . . . . . . . . . . . . . 142
SFR Definition 12.2. SFR Page Register: SFRPAGE . . . . . . . . . . . . . . . . . . . . . . . . . 142


Similar Part No. - C8051F040-GQR

ManufacturerPart #DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
89Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - C8051F040-GQR

ManufacturerPart #DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
List of Unclassifed Manufacturers
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
Silicon Laboratories
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com