Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

C8051F040-GQR Datasheet(PDF) 21 Page - Silicon Laboratories

Part No. C8051F040-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F040-GQR Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button C8051F040-GQR Datasheet HTML 17Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 18Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 19Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 20Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 21Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 22Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 23Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 24Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 328 page
background image
C8051F040/1/2/3/4/5/6/7
Rev. 1.5
21
Figure 1.1. C8051F040/2 Block Diagram
UART1
SMBus
SPI Bus
PCA
Timers
0,1,2,3,4
VDD
VDD
VDD
DGND
DGND
DGND
/RST
XTAL1
XTAL2
P2.0
P2.7
P0.0
P0.7
DAC1
DAC1
(12-Bit)
VREF
DAC0
(12-Bit)
AIN0.0
DAC0
VREF
UART0
8:1
MONEN
WDT
VREFD
VREF0
P7 Latch
P5 Latch
P6 Latch
P5.0/A8
P5.7/A51
P5
DRV
P6.0/A0
P6.7/A7
P6
DRV
P4
DRV
P4.5/ALE
P4.6/RD
P4.7/WR
P4.4
Addr [7:0]
Addr [15:8]
Ctrl Latch
Data Latch
A
M
U
X
8:2
HVAIN+
HVAIN-
HVREF
HVCAP
HVAMP
TEMP
SENSOR
P0
Drv
P1
Drv
P2
Drv
P3
Drv
Port
0,1,2,3
&4
Latches
CAN
2.0B
CANTX
8
0
5
1
C
o
r
e
Reset
A
M
U
X
Prog
Gain
ADC
100 ksps
(12 or 10-
Bit)
32x136
CANRAM
256 byte
RAM
4 kB
RAM
P3.0
P3.7
P1.0
P1.7
64 kB
Flash
System
Clock
Internal
Oscillator
External
Oscillator
Circuit
VDD
Monitor
C
R
O
S
S
B
A
R
Data [7:0]
Address [15:0]
Bus Control
Digital Power
Memories
Port 4 <from crossbar>
A
M
U
X
Prog
Gain
ADC
500 ksps
(8-Bit)
VREF2
P4.0
SFR Bus
P7
DRV
P7.0/D0
P7.7/D7
AV+
Debug HW
Boundary Scan
JTAG
Logic
TCK
TMS
TDI
TDO
AGND
AGND
AGND
AV+
AV+
Analog Power
P2.7
P2.6
+
-
CP0
P2.3
P2.2
+
-
CP1
P2.5
P2.4
+
-
CP2
AIN0.3
AIN0.2
AIN0.1
CANRX
External Memory Data
Bus


Similar Part No. - C8051F040-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
89Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - C8051F040-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
List of Unclassifed Manufacturers
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
Silicon Laboratories
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com