Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

C8051F040-GQR Datasheet(PDF) 27 Page - Silicon Laboratories

Part No. C8051F040-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F040-GQR Datasheet(HTML) 27 Page - Silicon Laboratories

Back Button C8051F040-GQR Datasheet HTML 23Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 24Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 25Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 26Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 27Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 28Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 29Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 30Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 31Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 328 page
background image
C8051F040/1/2/3/4/5/6/7
Rev. 1.5
27
1.2.
On-Chip Memory
The CIP-51 has a standard 8051 program and data address configuration. It includes 256 bytes of data
RAM, with the upper 128 bytes dual-mapped. Indirect addressing accesses the upper 128 bytes of general
purpose RAM, and direct addressing accesses the 128 byte SFR address space. The CIP-51 SFR
address space contains up to 256 SFR Pages. In this way, the CIP-51 MCU can accommodate the many
SFRs required to control and configure the various peripherals featured on the device. The lower
128 bytes of RAM are accessible via direct and indirect addressing. The first 32 bytes are addressable as
four banks of general purpose registers, and the next 16 bytes can be byte addressable or bit addressable.
The CIP-51 in the C8051F04x MCUs additionally has an on-chip 4 kB RAM block and an external memory
interface (EMIF) for accessing off-chip data memory or memory-mapped peripherals. The on-chip 4 byte
block can be addressed over the entire 64 kB external data memory address range (overlapping 4 kB
boundaries). External data memory address space can be mapped to on-chip memory only, off-chip mem-
ory only, or a combination of the two (addresses up to 4 kB directed to on-chip, above 4 kB directed to
EMIF). The EMIF is also configurable for multiplexed or non-multiplexed address/data lines.
The MCU's program memory consists of 64 kB (C8051F040/1/2/3/4/5) or 32 kB (C8051F046/7) of Flash.
This memory may be reprogrammed in-system in 512 byte sectors, and requires no special off-chip pro-
gramming voltage. The 512 bytes from addresses 0xFE00 to 0xFFFF are reserved for the 64 kB devices.
There is also a single 128 byte sector at address 0x10000 to 0x1007F, which may be useful as a small
table for software constants. See Figure 1.7 for the MCU system memory map.
Figure 1.7. On-Chip Memory Map
PROGRAM/DATA MEMORY
(FLASH)
(Direct and Indirect
Addressing)
0x00
0x7F
Upper 128 RAM
(Indirect Addressing
Only)
0x80
0xFF
Special Function
Registers
(Direct Addressing Only)
DATA MEMORY (RAM)
General Purpose
Registers
0x1F
0x20
0x2F
Bit Addressable
Lower 128 RAM
(Direct and Indirect
Addressing)
0x30
INTERNAL DATA ADDRESS SPACE
EXTERNAL DATA ADDRESS SPACE
XRAM - 4096 Bytes
(accessable using MOVX
instruction)
0x0000
0x0FFF
Off-chip XRAM space
0x1000
0xFFFF
64 kB
Flash
(In-System
Programmable in 512
Byte Sectors)
0x0000
RESERVED
0xFE00
0xFDFF
Scrachpad Memory
(DATA only)
0x1007F
0x10000
Up To
256 SFR Pages
1
3
0
2
F
C8051F040/1/2/3/4/5
32 kB
Flash
(In-System
Programmable in 512
Byte Sectors)
0x0000
RESERVED
0x8000
0x7FFF
Scrachpad Memory
(DATA only)
0x1007F
0x10000
C8051F046/7


Similar Part No. - C8051F040-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
89Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - C8051F040-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
List of Unclassifed Manufacturers
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
Silicon Laboratories
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com