Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

C8051F040-GQR Datasheet(PDF) 29 Page - Silicon Laboratories

Part No. C8051F040-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F040-GQR Datasheet(HTML) 29 Page - Silicon Laboratories

Back Button C8051F040-GQR Datasheet HTML 25Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 26Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 27Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 28Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 29Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 30Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 31Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 32Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 33Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 328 page
background image
C8051F040/1/2/3/4/5/6/7
Rev. 1.5
29
1.4.
Programmable Digital I/O and Crossbar
The standard 8051 Ports (0, 1, 2, and 3) are available on the MCUs. The C8051F040/2/4/6 have 4 addi-
tional 8-bit ports (4, 5, 6, and 7) for a total of 64 general-purpose I/O Ports. The Ports behave like the stan-
dard 8051 with a few enhancements.
Each port pin can be configured as either a push-pull or open-drain output. Also, the "weak pullups" which
are normally fixed on an 8051 can be globally disabled, providing additional power saving capabilities for
low-power applications.
Perhaps the most unique enhancement is the Digital Crossbar. This is essentially a large digital switching
network that allows mapping of internal digital system resources to Port I/O pins on P0, P1, P2, and P3
(See Figure 1.9). Unlike microcontrollers with standard multiplexed digital I/O ports, all combinations of
functions are supported with all package options offered.
The on-chip counter/timers, serial buses, HW interrupts, ADC Start of Conversion input, comparator out-
puts, and other digital signals in the controller can be configured to appear on the Port I/O pins specified in
the Crossbar Control registers. This allows the user to select the exact mix of general purpose Port I/O and
digital resources needed for the particular application.
Figure 1.9. Digital Crossbar Diagram
External
Pins
Digital
Crossbar
Priority
Decoder
SMBus
2
SPI
4
UART0
2
PCA
2
T0, T1,
T2, T2EX,
T3, T3EX,
T4,T4EX,
/INT0,
/INT1
P1.0
P1.7
P2.0
P2.7
P0.0
P0.7
Highest
Priority
Lowest
Priority
8
8
Comptr.
Outputs
Highest
Priority
Lowest
Priority
UART1
6
2
P3.0
P3.7
8
8
P0MDOUT, P1MDOUT,
P2MDOUT, P3MDOUT
Registers
XBR0, XBR1, XBR2,
XBR3 P1MDIN,
P2MDIN, P3MDIN
Registers
P1
I/O
Cells
P3
I/O
Cells
P0
I/O
Cells
P2
I/O
Cells
8
Port
Latches
P0
P1
P2
8
8
8
P3
8
(P2.0-P2.7)
(P1.0-P1.7)
(P0.0-P0.7)
(P3.0-P3.7)
To
ADC2
Input
To External
Memory
Interface
(EMIF)
To
ADC0
Input
To
Comparators
/SYSCLK
CNVSTR0
CNVSTR2


Similar Part No. - C8051F040-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
89Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - C8051F040-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
List of Unclassifed Manufacturers
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
Silicon Laboratories
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com