Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

C8051F040-GQR Datasheet(PDF) 31 Page - Silicon Laboratories

Part No. C8051F040-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F040-GQR Datasheet(HTML) 31 Page - Silicon Laboratories

Back Button C8051F040-GQR Datasheet HTML 27Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 28Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 29Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 30Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 31Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 32Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 33Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 34Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 35Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 328 page
background image
C8051F040/1/2/3/4/5/6/7
Rev. 1.5
31
1.6.
Controller Area Network
The C8051F04x family of devices feature a Controller Area Network (CAN) controller that implements
serial communication using the CAN protocol. The CAN controller facilitates communication on a CAN net-
work in accordance with the Bosch specification 2.0A (basic CAN) and 2.0B (full CAN). The CAN controller
consists of a CAN Core, Message RAM (separate from the C8051 RAM), a message handler state
machine, and control registers.
The CAN controller can operate at bit rates up to 1 Mbit/second. Silicon Labs CAN has 32 message
objects each having its own identifier mask used for acceptance filtering of received messages. Incoming
data, message objects and identifier masks are stored in the CAN message RAM. All protocol functions for
transmission of data and acceptance filtering is performed by the CAN controller and not by the C8051
MCU. In this way, minimal CPU bandwidth is used for CAN communication. The C8051 configures the
CAN controller, accesses received data, and passes data for transmission via Special Function Registers
(SFR) in the C8051.
Figure 1.11. CAN Controller Diagram
1.7.
Serial Ports
The C8051F04x MCU Family includes two Enhanced Full-Duplex UARTs, an enhanced SPI Bus, and
SMBus/I2C. Each of the serial buses is fully implemented in hardware and makes extensive use of the
CIP-51's interrupts, thus requiring very little intervention by the CPU. The serial buses do not "share"
resources such as timers, interrupts, or Port I/O, so any or all of the serial buses may be used together with
any other.
Message Handler
REGISTERS
Message RAM
(32 Message Objects)
CAN
Core
TX
RX
CAN Controller
CIP-51
MCU
Interrupt
S
F
R
's
CANTX
CANRX
C8051F04x
S
Y
S
C
L
K
CAN_CLK
(fsys)
BRP
Prescaler


Similar Part No. - C8051F040-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
89Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - C8051F040-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
List of Unclassifed Manufacturers
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
Silicon Laboratories
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com