Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

C8051F040-GQR Datasheet(PDF) 33 Page - Silicon Laboratories

Part No. C8051F040-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F040-GQR Datasheet(HTML) 33 Page - Silicon Laboratories

Back Button C8051F040-GQR Datasheet HTML 29Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 30Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 31Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 32Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 33Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 34Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 35Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 36Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 37Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 328 page
background image
C8051F040/1/2/3/4/5/6/7
Rev. 1.5
33
1.9.
8-Bit Analog to Digital Converter (C8051F040/1/2/3 Only)
The C8051F040/1/2/3 devices have an on-board 8-bit SAR ADC (ADC2) with an 8-channel input multi-
plexer and programmable gain amplifier. This ADC features a 500 ksps maximum throughput and true 8-
bit performance with an INL of ±1LSB. Eight input pins are available for measurement and can be pro-
grammed as single-ended or differential inputs. The ADC is under full control of the CIP-51 microcontroller
via the Special Function Registers. The ADC2 voltage reference is selected between the analog power
supply (AV+) and an external VREF pin. On C8051F040/2 devices, ADC2 has its own dedicated VREF2
input pin; on C8051F041/3 devices, ADC2 shares the VREFA input pin with the 12/10-bit ADC0. User soft-
ware may put ADC2 into shutdown mode to save power.
A programmable gain amplifier follows the analog multiplexer. The gain stage can be especially useful
when different ADC input channels have widely varied input voltage signals, or when it is necessary to
"zoom in" on a signal with a large dc offset (in differential mode, a DAC could be used to provide the dc off-
set). The PGA gain can be set in software to 0.5, 1, 2, or 4.
A flexible conversion scheduling system allows ADC2 conversions to be initiated by software commands,
timer overflows, or an external input signal. ADC2 conversions may also be synchronized with ADC0 soft-
ware-commanded conversions. Conversion completions are indicated by a status bit and an interrupt (if
enabled), and the resulting 8-bit data word is latched into an SFR upon completion.
Figure 1.13. 8-Bit ADC Diagram
+
-
AV+
8
8-to-1
AMUX
X
AIN2.0
AIN2.1
AIN2.2
AIN2.3
AIN2.4
AIN2.5
AIN2.6
AIN2.7
Configuration, Control, and Data Registers
Programmable Gain
Amplifier
Analog Multiplexer
8-Bit
SAR
ADC
Start Conversion
Timer 3 Overflow
Timer 2 Overflow
Write to AD2BUSY
CNVSTR2 Input
Write to AD0BUSY
(synchronized with
ADC0)
ADC Data
Register
Conversion
Complete
Interrupt
External VREF
Pin
AV+
VREF
Single-ended or
Differential Measurement
+
-
+
-
+
-
+
-
Window
Compare Logic
Window
Compare
Interrupt


Similar Part No. - C8051F040-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
89Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - C8051F040-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
List of Unclassifed Manufacturers
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
Silicon Laboratories
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz