Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

C8051F040-GQR Datasheet(PDF) 37 Page - Silicon Laboratories

Part No. C8051F040-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F040-GQR Datasheet(HTML) 37 Page - Silicon Laboratories

Back Button C8051F040-GQR Datasheet HTML 33Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 34Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 35Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 36Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 37Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 38Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 39Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 40Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 41Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 328 page
background image
C8051F040/1/2/3/4/5/6/7
Rev. 1.5
37
4.
Pinout and Package Definitions
Table 4.1. Pin Definitions
Name
Pin Numbers
Type
Description
F040/2/4/6 F041/3/5/7
VDD
37, 64, 90
24, 41, 57
Digital Supply Voltage. Must be tied to +2.7 to +3.6 V.
DGND
38, 63, 89
25, 40, 56
Digital Ground. Must be tied to Ground.
AV+
8, 11, 14
3, 6
Analog Supply Voltage. Must be tied to +2.7 to +3.6 V.
AGND
9, 10, 13
4, 5
Analog Ground. Must be tied to Ground.
TMS
1
58
D In
JTAG Test Mode Select with internal pullup.
TCK
2
59
D In
JTAG Test Clock with internal pullup.
TDI
3
60
D In
JTAG Test Data Input with internal pullup. TDI is latched
on the rising edge of TCK.
TDO
4
61
D Out JTAG Test Data Output with internal pullup. Data is
shifted out on TDO on the falling edge of TCK. TDO out-
put is a tri-state driver.
/RST
5
62
D I/O
Device Reset. Open-drain output of internal VDD monitor.
Is driven low when VDD is < 2.7 V and MONEN is high. An
external source can initiate a system reset by driving this
pin low.
XTAL1
26
17
A In
Crystal Input. This pin is the return for the internal oscilla-
tor circuit for a crystal or ceramic resonator. For a preci-
sion internal clock, connect a crystal or ceramic resonator
from XTAL1 to XTAL2. If overdriven by an external CMOS
clock, this becomes the system clock.
XTAL2
27
18
A Out Crystal Output. This pin is the excitation driver for a crystal
or ceramic resonator.
MONEN
28
19
D In
VDD Monitor Enable. When tied high, this pin enables the
internal VDD monitor, which forces a system reset when
VDD is < 2.7 V. When tied low, the internal VDD monitor is
disabled.
In most applications, MONEN should be connected
directly to VDD.
VREF
12
7
A I/O
Bandgap Voltage Reference Output (all devices).
DAC Voltage Reference Input (C8051F041/3 only).
VREFA
8
A In
ADC0 (C8051F041/3/5/7) and ADC2 (C8051F041/3 only)
Voltage Reference Input.
VREF0
16
A In
ADC0 Voltage Reference Input.
VREF2
17
A In
ADC2 Voltage Reference Input (C8051F040/2 only).
VREF
15
A In
DAC Voltage Reference Input (C8051F040/2 only).
AIN0.0
18
9
A In
ADC0 Input Channel 0 (See ADC0 Specification for com-
plete description).


Similar Part No. - C8051F040-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
89Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - C8051F040-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
List of Unclassifed Manufacturers
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
Silicon Laboratories
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz