Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

C8051F040-GQR Datasheet(PDF) 38 Page - Silicon Laboratories

Part No. C8051F040-GQR
Description  Mixed Signal ISP Flash MCU Family
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F040-GQR Datasheet(HTML) 38 Page - Silicon Laboratories

Back Button C8051F040-GQR Datasheet HTML 34Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 35Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 36Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 37Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 38Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 39Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 40Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 41Page - Silicon Laboratories C8051F040-GQR Datasheet HTML 42Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 328 page
background image
C8051F040/1/2/3/4/5/6/7
38
Rev. 1.5
AIN0.1
19
10
A In
ADC0 Input Channel 1 (See ADC0 Specification for com-
plete description).
AIN0.2
20
11
A In
ADC0 Input Channel 2 (See ADC0 Specification for com-
plete description).
AIN0.3
21
12
A In
ADC0 Input Channel 3 (See ADC0 Specification for com-
plete description).
HVCAP
22
13
A I/O
High Voltage Difference Amplifier Capacitor.
HVREF
23
14
A In
High Voltage Difference Amplifier Bias Reference.
HVAIN+
24
15
A In
High Voltage Difference Amplifier Positive Signal Input.
HVAIN-
25
16
A In
High Voltage Difference Amplifier Negative Signal Input.
CANTX
7
2
D Out Controller Area Network Transmit Output.
CANRX
6
1
D In
Controller Area Network Receive Input.
DAC0
100
64
A Out Digital to Analog Converter 0 Voltage Output. (See DAC
Specification for complete description). (C8051F040/1/2/3
only)
DAC1
99
63
A Out Digital to Analog Converter 1 Voltage Output. (See DAC
Specification for complete description). (C8051F040/1/2/3
only)
P0.0
62
55
D I/O
Port 0.0. See Port Input/Output section for complete
description.
P0.1
61
54
D I/O
Port 0.1. See Port Input/Output section for complete
description.
P0.2
60
53
D I/O
Port 0.2. See Port Input/Output section for complete
description.
P0.3
59
52
D I/O
Port 0.3. See Port Input/Output section for complete
description.
P0.4
58
51
D I/O
Port 0.4. See Port Input/Output section for complete
description.
P0.5/ALE
57
50
D I/O
ALE Strobe for External Memory Address bus (multi-
plexed mode) Port 0.5
See Port Input/Output section for complete description.
P0.6/RD
56
49
D I/O
/RD Strobe for External Memory Address bus
Port 0.6
See Port Input/Output section for complete description.
P0.7/WR
55
48
D I/O
/WR Strobe for External Memory Address bus
Port 0.7
See Port Input/Output section for complete description.
Table 4.1. Pin Definitions (Continued)
Name
Pin Numbers
Type
Description
F040/2/4/6 F041/3/5/7


Similar Part No. - C8051F040-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
89Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - C8051F040-GQR

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
List of Unclassifed Manufacturers
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
Silicon Laboratories
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz