Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3050-E1-FM Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SI3050-E1-FM
Description  PROGRAMMABLE VOICE DAA SOLUTIONS
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3050-E1-FM Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI3050-E1-FM Datasheet HTML 2Page - Silicon Laboratories SI3050-E1-FM Datasheet HTML 3Page - Silicon Laboratories SI3050-E1-FM Datasheet HTML 4Page - Silicon Laboratories SI3050-E1-FM Datasheet HTML 5Page - Silicon Laboratories SI3050-E1-FM Datasheet HTML 6Page - Silicon Laboratories SI3050-E1-FM Datasheet HTML 7Page - Silicon Laboratories SI3050-E1-FM Datasheet HTML 8Page - Silicon Laboratories SI3050-E1-FM Datasheet HTML 9Page - Silicon Laboratories SI3050-E1-FM Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 128 page
background image
Si3050 + Si3011/18/19
6
Rev. 1.5
Figure 1. Test Circuit for Loop Characteristics
Table 2. Loop Characteristics
(VD = 3.0 to 3.6 V, TA = 0 to 70 °C, see Figure 1 on page 6)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
DC Termination Voltage
VTR
IL =20mA, ILIM =0
DCV = 00, MINI = 11, DCR = 0
——
6.0
V
DC Termination Voltage
VTR
IL = 120 mA, ILIM = 0
DCV = 00, MINI = 11, DCR = 0
9—
V
DC Termination Voltage
VTR
IL =20mA, ILIM =0
DCV = 11, MINI = 00, DCR = 0
——
7.5
V
DC Termination Voltage
VTR
IL = 120 mA, ILIM = 0
DCV = 11, MINI = 00, DCR = 0
9—
V
DC Termination Voltage
VTR
IL =20mA, ILIM =1
DCV = 11, MINI = 00, DCR = 0
——
7.5
V
DC Termination Voltage
VTR
IL =60mA, ILIM =1
DCV = 11, MINI = 00, DCR = 0
40
V
DC Termination Voltage
VTR
IL =50mA, ILIM =1
DCV = 11, MINI = 00, DCR = 0
——
40
V
On-Hook Leakage Current
ILK
VTR = –48 V
5
µA
Operating Loop Current
ILP
MINI = 00, ILIM = 0
10
120
mA
Operating Loop Current
ILP
MINI = 00, ILIM = 1
10
60
mA
DC Ring Current
dc current flowing through ring
detection circuitry
—1.5
3
µA
Ring Detect Voltage*
VRD
RT2 = 0, RT = 0
13.5
15
16.5
Vrms
Ring Detect Voltage*
VRD
RT2 = 0, RT = 1
19.35
21.5
23.65
Vrms
Ring Detect Voltage*
VRD
RT2 = 1, RT = 1
40.5
45
49.5
Vrms
Ring Frequency
FR
13
68
Hz
Ringer Equivalence Number
REN
0.2
*Note: The ring signal is guaranteed to not be detected below the minimum. The ring signal is guaranteed to be detected
above the maximum.
TIP
RING
+
Si3011/18/19 VTR
IL
10
F
600


Similar Part No. - SI3050-E1-FM

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI3050-E1-FM SKYWORKS-SI3050-E1-FM Datasheet
1Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
Rev. 1.5 August 24, 2021
More results

Similar Description - SI3050-E1-FM

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI3050 SKYWORKS-SI3050 Datasheet
1Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
Rev. 1.5 August 24, 2021
logo
Silicon Laboratories
SI3011 SILABS-SI3011 Datasheet
3Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
SI3050-KT SILABS-SI3050-KT Datasheet
1Mb / 112P
   GLOBAL VOICE DAA
SI3216 SILABS-SI3216 Datasheet
234Kb / 2P
   Broadband AND Voice Telephony Solutions
logo
CML Microcircuits
CMX885 CMLMICRO-CMX885 Datasheet
1Mb / 69P
   Programmable Voice Scrambler
CMX148 CMLMICRO-CMX148 Datasheet
1Mb / 75P
   Programmable Voice Scrambler
logo
IXYS Corporation
CYG2111 IXYS-CYG2111 Datasheet
138Kb / 5P
   Cybergate DAA
CYG2110 IXYS-CYG2110 Datasheet
490Kb / 4P
   Cybergate DAA
CYG2217 IXYS-CYG2217 Datasheet
124Kb / 4P
   Cybergate DAA
CYG2320 IXYS-CYG2320 Datasheet
136Kb / 5P
   Cybergate DAA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com