Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si3201-FS Datasheet(PDF) 5 Page - Silicon Laboratories

Part # Si3201-FS
Description  PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si3201-FS Datasheet(HTML) 5 Page - Silicon Laboratories

  Si3201-FS Datasheet HTML 1Page - Silicon Laboratories Si3201-FS Datasheet HTML 2Page - Silicon Laboratories Si3201-FS Datasheet HTML 3Page - Silicon Laboratories Si3201-FS Datasheet HTML 4Page - Silicon Laboratories Si3201-FS Datasheet HTML 5Page - Silicon Laboratories Si3201-FS Datasheet HTML 6Page - Silicon Laboratories Si3201-FS Datasheet HTML 7Page - Silicon Laboratories Si3201-FS Datasheet HTML 8Page - Silicon Laboratories Si3201-FS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 108 page
background image
Si3230
Preliminary Rev. 0.96
5
Table 2. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min*
Typ
Max*
Unit
Ambient Temperature
TA
K-grade
0
25
70
oC
Ambient Temperature
TA
B-grade
–40
25
85
oC
Si3230 Supply Voltage
VDDD,VDDA1
,VDDA2
3.13
3.3/5.0
5.25
V
Si3201 Supply Voltage
VDD
3.13
3.3/5.0
5.0
V
Si3201 Battery Voltage
VBAT
VBATH = VBAT
–96
0
V
*Note: All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at nominal supply voltages and an operating temperature of 25 oC unless otherwise stated.
Product specifications are only guaranteed when the typical application circuit (including component tolerances) is
used.
Table 3. AC Characteristics
(VDDA, VDDD = 3.13 to 5.25 V, TA = 0 to 70°C for K-Grade, –40 to 85°C for B-Grade)
Parameter
Test Condition
Min
Typ
Max
Unit
TX/RX Performance
Overload Level
THD = 1.5%
2.5
VPK
Audio Tone Generator
Signal-to-Distortion Ratio1
0 dBm0, Active off-hook,
and OHT, any Zac
45
dB
Intermodulation Distortion
–45
dB
2-Wire Return Loss
200 Hz to 3.4 kHz
30
35
dB
Noise Performance
Idle Channel Noise3
C-Message Weighted
15
dBrnC
Psophometric Weighted
–75
dBmP
3 kHz flat
18
dBrn
PSRR from VDDA
RX and TX, DC to 3.4 kHz
40
dB
PSRR from VDDD
RX and TX, DC to 3.4 kHz
40
dB
PSRR from VBAT
RX and TX, DC to 3.4 kHz
40
dB
Notes:
1. Analog signal measured as VTIP – VRING. Assumes ideal line impedance matching.
2. The quantization errors inherent in the
µ/A-law companding process can generate slightly worse gain tracking
performance in the signal range of 3 dB to –37 dB for signal frequencies that are integer divisors of the 8 kHz PCM
sampling rate.
3. The level of any unwanted tones within the bandwidth of 0 to 4 kHz does not exceed –55 dBm.
4. Assumes normal distribution of betas.


Similar Part No. - Si3201-FS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3201-FS SILABS-SI3201-FS Datasheet
1Mb / 118P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3201-FS SILABS-SI3201-FS Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3201-FS SILABS-SI3201-FS Datasheet
869Kb / 148P
   Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input
More results

Similar Description - Si3201-FS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI3210 ETC-SI3210 Datasheet
1Mb / 122P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3210-FT SILABS-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3230 SILABS-SI3230 Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon image
SI3210-FT SILICONIMAGE-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3215 SILABS-SI3215 Datasheet
1Mb / 118P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
logo
Mitel Networks Corporat...
MH88617 MITEL-MH88617 Datasheet
78Kb / 16P
   Programmable SLIC with Ringing Amplification Advance Information
logo
Will Semiconductor Ltd.
SPD61089A WILLSEMI-SPD61089A Datasheet
707Kb / 5P
   High Voltage Ringing SLIC Protector
SPD51725QS WILLSEMI-SPD51725QS Datasheet
973Kb / 5P
   High Voltage Ringing SLIC Protector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com