Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2401 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI2401
Description  V.22BIS ISOMODEM WITH LOW-COST DAA
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2401 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI2401 Datasheet HTML 7Page - Silicon Laboratories SI2401 Datasheet HTML 8Page - Silicon Laboratories SI2401 Datasheet HTML 9Page - Silicon Laboratories SI2401 Datasheet HTML 10Page - Silicon Laboratories SI2401 Datasheet HTML 11Page - Silicon Laboratories SI2401 Datasheet HTML 12Page - Silicon Laboratories SI2401 Datasheet HTML 13Page - Silicon Laboratories SI2401 Datasheet HTML 14Page - Silicon Laboratories SI2401 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
Si2401/Si3008
Rev. 1.1
11
4. Functional Description
The Si2401 ISOmodem utilizing the Si3008 line-side
device is a complete embedded modem chipset with
integrated direct access arrangement (DAA). Available
in two small packages, this solution includes a DSP
data pump, modem controller, on-chip RAM and ROM,
codec, DAA, analog output, and 27 MHz clock input.
The modem accepts simple modem AT commands and
provides connect rates up to 2400 bps full-duplex over
the Public Switched Telephone Network (PSTN) with
V.42 hardware support through HDLC framing. To
minimize handshake times, the Si2401 can implement a
V.22-based fast connect. The modem also supports the
V.23 reversing protocol and standard alarm formats
including SIA.
This device is ideal for embedded modem applications
due to its flexibility, small footprint, and minimal external
component count. The Si2401 solution integrates a
silicon DAA using Silicon Laboratories’ proprietary
fourth-generation
DAA
technology.
This
highly-
integrated DAA can be programmed using the Si3008 to
meet international requirements and is compliant with
FCC,
JATE,
and
other
country-specific
PTT
specifications as shown in Table 7.
The Si2401 is designed for rapid assimilation into
existing modem applications. The device interfaces
directly through a UART to a microcontroller. The
Si2401URT-EVB evaluation board connects directly to a
standard RS-232 or USB interface. This allows for
evaluation of the modem immediately upon powerup via
HyperTerminal or any standard terminal software.
In addition, the Si2401 has been designed to meet the
most stringent worldwide requirements for out-of-band
energy, billing-tone immunity, high-voltage surges, and
safety requirements.
Table 7. Country-Specific PTT Specifications
Country
Argentina
Kyrgyzstan
Armenia
Macao
Bahamas
Mexico
Bangladesh
Moldova
Belarus
New Zealand2
Bermuda
Paraguay
Brunei
Peru
Canada
Puerto Rico
Caribbean
Russia
Chile
Saudi Arabia
China
Singapore
Colombia
South Korea3
Costa Rica
Sri Lanka
Dominican Republic
Taiwan
Ecuador
Thailand
El Salvador
Tunisia
Georgia
UAE
Guam
Ukraine
Hong Kong
Uruguay
India
Uzbekistan
Indonesia
USA
Japan1
Venezuela
Kazakhstan
Vietnam
Kuwait
Yemen
Notes:
1. DCR exceeds 300
Ω; disclaimer required in
product documentation.
2. 600
Ω ac termination used; disclaimer required in
product documentation.
3. Additional components required to pass ringer
impedance specifications.


Similar Part No. - SI2401

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2401 SILABS-SI2401 Datasheet
993Kb / 76P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
SI2401 SILABS-SI2401 Datasheet
874Kb / 72P
   V.22BIS ISOMODEM짰 WITH LOW-COST DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
logo
List of Unclassifed Man...
SI2401-FS ETC-SI2401-FS Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
More results

Similar Description - SI2401

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
logo
Silicon Laboratories
SI3008 SILABS-SI3008 Datasheet
874Kb / 72P
   V.22BIS ISOMODEM짰 WITH LOW-COST DAA
SI2457 SILABS-SI2457 Datasheet
971Kb / 74P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM WITH GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2457 SKYWORKS-SI2457 Datasheet
1,014Kb / 60P
   V.90, V.34, V.32BIS, V.22BIS ISOMODEM® WITH GLOBAL DAA
Rev. 1.3
logo
Silicon Laboratories
SI3015-F-FSR SILABS-SI3015-F-FSR Datasheet
739Kb / 68P
   V.22BIS ISOMODEM CHIPSET WITH ERROR CORRECTION
SI2401 SILABS-SI2401 Datasheet
993Kb / 76P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
SI2400 SILABS-SI2400 Datasheet
1Mb / 94P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2493D SKYWORKS-SI2493D Datasheet
1,020Kb / 60P
   V.92 ISOMODEM® WITH GLOBAL DAA
Revision 0.91 to Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com