Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3018-F-FT Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SI3018-F-FT
Description  PROGRAMMABLE VOICE DAA SOLUTIONS
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3018-F-FT Datasheet(HTML) 5 Page - Silicon Laboratories

  SI3018-F-FT Datasheet HTML 1Page - Silicon Laboratories SI3018-F-FT Datasheet HTML 2Page - Silicon Laboratories SI3018-F-FT Datasheet HTML 3Page - Silicon Laboratories SI3018-F-FT Datasheet HTML 4Page - Silicon Laboratories SI3018-F-FT Datasheet HTML 5Page - Silicon Laboratories SI3018-F-FT Datasheet HTML 6Page - Silicon Laboratories SI3018-F-FT Datasheet HTML 7Page - Silicon Laboratories SI3018-F-FT Datasheet HTML 8Page - Silicon Laboratories SI3018-F-FT Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 128 page
background image
Si3050 + Si3011/18/19
Rev. 1.5
5
1. Electrical Specifications
Table 1. Recommended Operating Conditions and Thermal Information
Parameter1
Symbol
Test Condition
Min2
Typ
Max2
Unit
Ambient Temperature
TA
F-Grade
0
25
70
°C
G-Grade
–40
25
85
Si3050 Supply Voltage, Digital
VD
3.0
3.3
3.6
V
Thermal Resistance (Si3011/18/19)3
JA
SOIC-16
77
°C/W
TSSOP-16
89
QFN-20
120
Thermal Resistance (Si3050)3
JA
TSSOP-20
84
°C/W
QFN-24
67
Notes:
1. The Si3050 specifications are guaranteed when the typical application circuit (including component tolerance) and any
Si3050 and any Si3011/18/19 are used. See "2. Typical Application Schematic" on page 17 for the typical application
circuit.
2. All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at nominal supply voltages and an operating temperature of 25 °C unless otherwise stated.
3. Operation above 125 °C junction temperature may degrade device reliability.


Similar Part No. - SI3018-F-FT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3018-F-FT SILABS-SI3018-F-FT Datasheet
1Mb / 112P
   PCM highway data interface law A-law companding SPI control interface GCl interface
logo
Skyworks Solutions Inc.
SI3018-F-FT SKYWORKS-SI3018-F-FT Datasheet
1Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
Rev. 1.5 August 24, 2021
More results

Similar Description - SI3018-F-FT

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI3050 SKYWORKS-SI3050 Datasheet
1Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
Rev. 1.5 August 24, 2021
logo
Silicon Laboratories
SI3011 SILABS-SI3011 Datasheet
3Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
SI3050-KT SILABS-SI3050-KT Datasheet
1Mb / 112P
   GLOBAL VOICE DAA
SI3216 SILABS-SI3216 Datasheet
234Kb / 2P
   Broadband AND Voice Telephony Solutions
logo
CML Microcircuits
CMX885 CMLMICRO-CMX885 Datasheet
1Mb / 69P
   Programmable Voice Scrambler
CMX148 CMLMICRO-CMX148 Datasheet
1Mb / 75P
   Programmable Voice Scrambler
logo
IXYS Corporation
CYG2111 IXYS-CYG2111 Datasheet
138Kb / 5P
   Cybergate DAA
CYG2110 IXYS-CYG2110 Datasheet
490Kb / 4P
   Cybergate DAA
CYG2217 IXYS-CYG2217 Datasheet
124Kb / 4P
   Cybergate DAA
CYG2320 IXYS-CYG2320 Datasheet
136Kb / 5P
   Cybergate DAA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com