Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si5324B-C-GM Datasheet(PDF) 1 Page - Silicon Laboratories

Part # Si5324B-C-GM
Description  ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5324B-C-GM Datasheet(HTML) 1 Page - Silicon Laboratories

  Si5324B-C-GM Datasheet HTML 1Page - Silicon Laboratories Si5324B-C-GM Datasheet HTML 2Page - Silicon Laboratories Si5324B-C-GM Datasheet HTML 3Page - Silicon Laboratories Si5324B-C-GM Datasheet HTML 4Page - Silicon Laboratories Si5324B-C-GM Datasheet HTML 5Page - Silicon Laboratories Si5324B-C-GM Datasheet HTML 6Page - Silicon Laboratories Si5324B-C-GM Datasheet HTML 7Page - Silicon Laboratories Si5324B-C-GM Datasheet HTML 8Page - Silicon Laboratories Si5324B-C-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
Rev. 1.0 1/13
Copyright © 2013 by Silicon Laboratories
Si5324
Si5324
Features
Applications
Description
The Si5324 is a low-bandwidth, jitter-attenuating, precision clock multiplier
for applications requiring sub 1 ps jitter performance with loop bandwidths
between 4 Hz and 525 Hz. The Si5324 accepts two input clocks ranging
from 2 kHz to 710 MHz and generates two output clocks ranging from 2 kHz
to 945 MHz and select frequencies to 1.4 GHz. The two outputs are divided
down separately from a common source. The Si5324 can also use its
external reference as a clock source for frequency synthesis. The device
provides virtually any frequency translation combination across this
operating range. The Si5324 input clock frequency and clock multiplication
ratio are programmable via an I2C or SPI interface. The Si5324 is based on
Silicon Laboratories' 3rd-generation DSPLL® technology, which provides
any-frequency synthesis and jitter attenuation in a highly integrated PLL
solution that eliminates the need for external VCXO and filter components.
The DSPLL loop bandwidth is digitally programmable, providing jitter
performance optimization at the application level. The Si5324 is ideal for
providing clock multiplication and jitter attenuation in high performance
timing applications.
Generates any frequency from
2 kHz to 945 MHz and select
frequencies to 1.4 GHz from an
input frequency of 2 kHz to
710 MHz
Ultra-low jitter clock outputs as low
as 290 fs rms (12 kHz–20 MHz),
320 fs rms (50 kHz–80 MHz)
Integrated loop filter with
selectable loop bandwidth
(4– 525 Hz)
Meets ITU-T G.8251 and Telcordia
GR-253-CORE jitter specification
Hitless input clock switching with
phase build-out
Freerun, Digital Hold operation
Configurable signal format per
output (LVPECL, LVDS, CML,
CMOS)
Support for ITU G.709 and custom
FEC ratios (255/238, 255/237,
255/236, 239/237, 66/64, 239/238,
15/14, 253/221, 255/238)
LOL, LOS, FOS alarm outputs
I2C or SPI programmable
On-chip voltage regulator with high
PSNR
Single supply 1.8 ±5%, 2.5 ±10%,
or 3.3 V ±10%
Small size: 6 x 6 mm 36-lead QFN
Pb-free, ROHS-compliant
Broadcast video –3G/HD/SD-SDI,
Genlock
Packet Optical Transport Systems
(P-OTS), MSPP
OTN/OTU-1/2/3/4 Asynchronous
Demapping (Gapped Clock)
SONET OC-48/192/768,
SDH/STM-16/64/256 line cards
1/2/4/8/10G Fibre Channel line
cards
GbE/10/40/100G Synchronous
Ethernet (LAN/WAN)
Data converter clocking
Wireless base stations
Test and measurement
A NY-F REQUENCY P RECISION C LOCK M ULTIPLIER/
J ITTER A TTENUATOR
Ordering Information:
See page 63.
Pin Assignments
1
2
3
29
30
31
32
33
34
35
36
20
21
22
23
24
25
26
27
10 11 12 13 14 15 16 17
4
5
6
7
8
NC
NC
RST
C2B
INT_C1B
GND
VDD
XA
CS_CA
SCL
SDA_SDO
A1
A2_SS
SDI
GND
Pad
A0
GND
9
18
19
28
XB
GND


Similar Part No. - Si5324B-C-GM

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5324B-C-GM SKYWORKS-SI5324B-C-GM Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
More results

Similar Description - Si5324B-C-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5327 SKYWORKS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5326 SKYWORKS-SI5326 Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5326C-C-GM SILABS-SI5326C-C-GM Datasheet
381Kb / 72P
   ANY FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5324 SKYWORKS-SI5324 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
SI5369 SKYWORKS-SI5369 Datasheet
951Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5374 SILABS-SI5374 Datasheet
352Kb / 69P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com