Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4012-C1001AT Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SI4012-C1001AT
Description  Si4012 CRYSTAL-LESS FSK/OOK RF TRANSMITTER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4012-C1001AT Datasheet(HTML) 5 Page - Silicon Laboratories

  SI4012-C1001AT Datasheet HTML 1Page - Silicon Laboratories SI4012-C1001AT Datasheet HTML 2Page - Silicon Laboratories SI4012-C1001AT Datasheet HTML 3Page - Silicon Laboratories SI4012-C1001AT Datasheet HTML 4Page - Silicon Laboratories SI4012-C1001AT Datasheet HTML 5Page - Silicon Laboratories SI4012-C1001AT Datasheet HTML 6Page - Silicon Laboratories SI4012-C1001AT Datasheet HTML 7Page - Silicon Laboratories SI4012-C1001AT Datasheet HTML 8Page - Silicon Laboratories SI4012-C1001AT Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
Si4012
Rev 1.1
5
Table 3. Si4012 RF Transmitter Characteristics1
(TA = 25 °C, VDD = 3.3 V, RL = 550
, unless otherwise noted)
Parameter
Test Condition
Min
Typ
Max
Unit
Frequency Range (FRF)2
27
960
MHz
Frequency Noise (rms)3
Allen deviation, measured across
1ms interval
—0.3
ppm
Phase Noise @ 915 MHz
10 kHz offset
–70
dBc/Hz
100 kHz offset
–100
dBc/Hz
1 MHz offset
–105
dBc/Hz
Frequency Tuning Time
5
ms
Carrier Frequency Accuracy
0 °C ≤ TA ≤ 70 °C
–150
+150
ppm
–40 °C ≤ TA ≤ 85 °C
–250
+250
ppm
Frequency Error Contribution
with External Crystal
–10
+10
ppm
Transmit Power4
Maximum programmed Tx power,
with optimum differential load, VDD
> 2.2 V
10
dBm
Minimum programmed TX power,
with optimum differential load,
VDD > 2.2 V
–13
dBm
Power variation vs temp and supply,
with optimum differential load,
VDD >2.2 V
–1.0
0.5
dB
Power variation vs temp and supply,
with optimum differential load,
VDD >1.8 V
–2.5
0.5
dB
Transmit power step size
from –13 to 6.5 dBm
—0.25
dB
PA Edge Ramp Rate
Programmable Range
OOK mode
0.34
10.7
us
Data Rate
OOK
0.1
50
kbaud
FSK
0.1
100
kbaud
FSK Deviation
Max frequency deviation
275
ppm
Deviation resolution
2
ppm
Deviation accuracy
±(4 ppm + 2% pk-pk target FSK
deviation in ppm)
ppm
OOK Modulation Depth
60
dB
Antenna Tuning Capacitive
Range (Differential)
315 MHz
2.4
12.5
pF
Notes:
1.
All specifications guaranteed by production test unless otherwise noted. Production test conditions and max limits are
listed in "1.1. Definition of Test Conditions" on page 7.
2.
The frequency range is continuous over the specified range.
3.
The frequency step size is limited by the frequency noise.
4.
Optimum differential load is equal to 4 V/(11.5 mA/2 x 4/PI) = 550
Therefore the antenna load resistance in parallel
with the Si4012 differential output resistance should equal 600



Similar Part No. - SI4012-C1001AT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4012-A0-GT SILABS-SI4012-A0-GT Datasheet
118Kb / 16P
   CRYSTAL-LESS RF TRANSMITTER
More results

Similar Description - SI4012-C1001AT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4012 SILABS-SI4012 Datasheet
118Kb / 16P
   CRYSTAL-LESS RF TRANSMITTER
logo
Holtek Semiconductor In...
BC2102 HOLTEK-BC2102 Datasheet
1Mb / 15P
   Sub-1GHz OOK/FSK Transmitter
logo
Silicon Laboratories
SI4010-C2 SILABS-SI4010-C2 Datasheet
862Kb / 156P
   CRYSTAL-LESS SOC RF TRANSMITTER
SI4010 SILABS-SI4010 Datasheet
830Kb / 160P
   CRYSTAL-LESS SOC RF TRANSMITTER
SI4010-C2-GT SILABS-SI4010-C2-GT Datasheet
3Mb / 157P
   CRYSTAL-LESS SOC RF TRANSMITTER
Rev. 1.1 8/20
logo
List of Unclassifed Man...
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
   240 ??960 MHz (G)FSK/OOK Transmitter
logo
Princeton Technology Co...
PT4452 PTC-PT4452 Datasheet
155Kb / 4P
   PLL-based OOK/ASK/FSK Transmitter IC
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
   240 – 960 MHz (G)FSK/OOK Transmitter
logo
Analog Devices
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901 AD-ADF7901_06 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com