Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si4734-D60-GU2 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # Si4734-D60-GU2
Description  BROADCAST AM/FM/SW/LW RADIO RECEIVER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4734-D60-GU2 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button Si4734-D60-GU2 Datasheet HTML 4Page - Silicon Laboratories Si4734-D60-GU2 Datasheet HTML 5Page - Silicon Laboratories Si4734-D60-GU2 Datasheet HTML 6Page - Silicon Laboratories Si4734-D60-GU2 Datasheet HTML 7Page - Silicon Laboratories Si4734-D60-GU2 Datasheet HTML 8Page - Silicon Laboratories Si4734-D60-GU2 Datasheet HTML 9Page - Silicon Laboratories Si4734-D60-GU2 Datasheet HTML 10Page - Silicon Laboratories Si4734-D60-GU2 Datasheet HTML 11Page - Silicon Laboratories Si4734-D60-GU2 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
Si4730/31/34/35-D60
8
Rev. 1.1
Figure 1. Reset Timing Parameters for Busmode Select
Table 3. Reset Timing Characteristics1,2,3
(VA = 2.7 to 5.5 V, VD = 1.62 to 3.6 V, TA = –20 to 85 °C)
Parameter
Symbol
Min
Typ
Max
Unit
RST Pulse Width and GPO1, GPO2/INT Setup to RST

tSRST
100
µs
GPO1, GPO2/INT Hold from RST
tHRST
30
ns
Important Notes:
1.
When selecting 2-wire mode, the user must ensure that a 2-wire start condition (falling edge of SDIO while SCLK is
high) does not occur within 300 ns before the rising edge of RST.
2.
When selecting 2-wire mode, the user must ensure that SCLK is high during the rising edge of RST, and stays high until
after the first start condition.
3.
When selecting 3-wire mode, the user must ensure that a rising edge of SCLK does not occur within 300 ns before the
rising edge of RST.
4.
If GPO1 and GPO2 are actively driven by the user, then minimum tSRST is only 30 ns. If GPO1 or GPO2 is hi-Z, then
minimum tSRST is 100 µs, to provide time for on-chip 1 M devices (active while RST is low) to pull GPO1 high and
GPO2 low.
70%
30%
GPO1
70%
30%
GPO2/
INT
70%
30%
tSRST
RST
tHRST


Similar Part No. - Si4734-D60-GU2

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si4734-D60-GU2 SILABS-Si4734-D60-GU2 Datasheet
1Mb / 42P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
More results

Similar Description - Si4734-D60-GU2

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4730-D60-GU SILABS-SI4730-D60-GU Datasheet
1Mb / 42P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D60 SKYWORKS-SI4730-D60 Datasheet
503Kb / 40P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
Revision 1.0 to Revision 1.1
logo
Silicon Laboratories
SI4831-B30-GU SILABS-SI4831-B30-GU Datasheet
199Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4820-A10 SKYWORKS-SI4820-A10 Datasheet
830Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Rev. 1.0 September 1, 2021
SI4836-A10 SKYWORKS-SI4836-A10 Datasheet
884Kb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
logo
List of Unclassifed Man...
SI4824-DEMO ETC2-SI4824-DEMO Datasheet
194Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Silicon Laboratories
SI4836-A10 SILABS-SI4836-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4831-B30 SILABS-SI4831-B30 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4820-A10 SILABS-SI4820-A10 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4825-A10-CS SILABS-SI4825-A10-CS Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com