Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si4735-D60-GM Datasheet(PDF) 1 Page - Silicon Laboratories

Part # Si4735-D60-GM
Description  BROADCAST AM/FM/SW/LW RADIO RECEIVER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4735-D60-GM Datasheet(HTML) 1 Page - Silicon Laboratories

  Si4735-D60-GM Datasheet HTML 1Page - Silicon Laboratories Si4735-D60-GM Datasheet HTML 2Page - Silicon Laboratories Si4735-D60-GM Datasheet HTML 3Page - Silicon Laboratories Si4735-D60-GM Datasheet HTML 4Page - Silicon Laboratories Si4735-D60-GM Datasheet HTML 5Page - Silicon Laboratories Si4735-D60-GM Datasheet HTML 6Page - Silicon Laboratories Si4735-D60-GM Datasheet HTML 7Page - Silicon Laboratories Si4735-D60-GM Datasheet HTML 8Page - Silicon Laboratories Si4735-D60-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Rev. 1.1 11/11
Copyright © 2011 by Silicon Laboratories
Si473x-D60
Si4730/31/34/35-D60
B ROADCAST AM/FM/SW/LW R ADIO R ECEIVER
Features
Applications
Description
The Si473x-D60 digital CMOS AM/FM radio receiver IC integrates the complete
tuner function from antenna input to digital audio output and includes a stereo
audio AUXIN ADC input for converting analog audio into standard I2S digital
audio, enabling a cost efficient digital audio platform for consumer electronic
applications with high TDMA noise immunity, superior radio performance, and
high fidelity audio power amplification. When enabling the analog inputs in stereo
AUXIN ADC-mode, the Si473x-D60 supports I2S digital audio output only (no
analog output).
Functional Block Diagram
Worldwide FM band support
(64–108 MHz)
Worldwide AM band support
(520–1710 kHz)
SW band support (Si4734/35)
(2.3–26.1 MHz)
LW band support (Si4734/35)
(153–279 kHz)
Excellent real-world performance
Integrated VCO
Advanced AM/FM seek tuning
Automatic frequency control (AFC)
Automatic gain control (AGC)
Digital FM stereo decoder
Programmable de-emphasis
Advanced Audio Processing
Multiplexed stereo audio AUXIN
ADC with 85 dB dynamic range
Seven selectable AM channel filters
AM/FM/SW/LW digital tuning
EN55020 compliant
No manual alignment necessary
Programmable reference clock
Adjustable soft mute control
RDS/RBDS processor (Si4731/35)
Digital audio out
2-wire and 3-wire control interface
Integrated LDO regulator
Wide range of ferrite loop sticks and
air loop antennas supported
QFN and SSOP packages

RoHS compliant
Table and portable radios
Mini/micro systems
CD/DVD and Blu-ray players
Stereo boom boxes
Modules for consumer electronics
Clock radios
Mini HiFi and docking stations
Entertainment systems
ADC
Si473x-D60
DSP
DAC
LO UT
RO UT
AFC
GPO /DCLK
LDO
VA
2.7~5.5 V (QFN)
2.0~5.5 V (SSO P)
RDS
(Si4731/
35)
AM I
VD
1.62 - 3.6 V
CO NTROL
INTERFACE
LNA
AGC
LNA
AGC
GND
ADC
Mu x
Mu x
DAC
LOW -IF
DIG ITAL
AUDIO
DFS
DO UT
LIN
RIN
AM / LW
ANT
RFGND
FM I
FM / SW
ANT
+
This product, its features, and/or its
architecture is covered by one or more of
the following patents, as well as other
patents, pending and issued, both
foreign
and
domestic:
7,127,217;
7,272,373;
7,272,375;
7,321,324;
7,355,476;
7,426,376;
7,471,940;
7,339,503; 7,339,504.
Ordering Information:
See page 33.
Pin Assignments
Si473x-D60(SSOP)
Si473x-D60 (QFN)
GND
PAD
1
2
3
17
18
19
20
11
12
13
14
6
7
8
9
4
5
16
10
15 DOUT/[LIN]
LOUT/[DFS]
ROUT/[DOUT]
GND
RST
NC
AMI
VA
FMI
RFGND
LOUT/[DFS]
ROUT/[DOUT]
DBYP
VD
GPO2/[INT]
GPO3/[DCLK]
DOUT/[LIN]
DFS/[RIN]
1
2
3
4
5
6
7
8
9
10
11
12
GPO1
VA
SDIO
NC
NC
RCLK
SEN
FMI
RFGND
SCLK
GND
NC
NC
RST
GND
AMI
24
23
22
21
20
19
18
17
16
15
14
13


Similar Part No. - Si4735-D60-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si4735-D60-GM SILABS-Si4735-D60-GM Datasheet
1Mb / 42P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4735-D60-GM SKYWORKS-SI4735-D60-GM Datasheet
503Kb / 40P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
Revision 1.0 to Revision 1.1
More results

Similar Description - Si4735-D60-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4730-D60-GU SILABS-SI4730-D60-GU Datasheet
1Mb / 42P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D60 SKYWORKS-SI4730-D60 Datasheet
503Kb / 40P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
Revision 1.0 to Revision 1.1
logo
Silicon Laboratories
SI4831-B30-GU SILABS-SI4831-B30-GU Datasheet
199Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4820-A10 SKYWORKS-SI4820-A10 Datasheet
830Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Rev. 1.0 September 1, 2021
SI4836-A10 SKYWORKS-SI4836-A10 Datasheet
884Kb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
logo
List of Unclassifed Man...
SI4824-DEMO ETC2-SI4824-DEMO Datasheet
194Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Silicon Laboratories
SI4836-A10 SILABS-SI4836-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4831-B30 SILABS-SI4831-B30 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4820-A10 SILABS-SI4820-A10 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4825-A10-CS SILABS-SI4825-A10-CS Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com