Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4745-C10-GM Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SI4745-C10-GM
Description  Automotive AM/FM Radio Receiver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4745-C10-GM Datasheet(HTML) 2 Page - Silicon Laboratories

  SI4745-C10-GM Datasheet HTML 1Page - Silicon Laboratories SI4745-C10-GM Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AM/FM Receiver
Copyright © 2008 by Silicon Laboratories
10.23.08
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc.
Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders.
Si4740/41/42/43/44/45
Automotive AM/FM Radio Receiver
Selected Electrical Specifications1
(VDD = 2.7 to 5.5 V, VIO = 1.5 to 3.6 V, TA = –40 to 85 °C)
Parameter
Test Condition
Min
Typ
Max
Unit
FM
Input Frequency
64
108
MHz
Sensitivity
(S+N)/N = 26 dB
2
µV EMF
RDS Sensitivity
f = 2 kHz, RDS BLER < 5%
8
µV EMF
Audio S/N (Mono)2,3
fMOD = 1 kHz, f = 22.5 kHz,
VEMF = 60 dBµVEMF
63
dB
Audio THD (Mono)2,3
fMOD = 1 kHz, f = 75 kHz,
VEMF = 60 dBµVEMF
0.1
%
Input IP3
f1 = 4000 kHz; f2 = 8000 kHz
105
dBµV EMF
Audio Output Voltage
80
mVrms
Adjacent Channel Selectivity
±200 kHz
50
dB
Alternate Channel Selectivity
±400 kHz
70
dB
AM Suppression4
m = 0.3;
f = 22.5 kHz; f
RF = 76 to 108 MHz;
Measured at VEMF = 60 dBµVEMF
55
dB
Audio Stereo Separation4
fRF = 76 to 108 MHz; Measured at VEMF =
60 dBµVEMF; f = 75 kHz
45
dB
Supply Voltage5
3
3.6
V
Supply Current5
26
mA
AM
Input Frequency
520
1710
kHz
Sensitivity
(S+N)/N = 26 dB
28
µV EMF
Audio S/N4,6
30% modulation, fMOD =1 kHz,
RF level = 74 dBµV EMF;
f = 22.5 kHz
53
dB
Audio THD4,6
30% modulation, fMOD =1 kHz,
RF level = 74 dBµV EMF;
f = 22.5 kHz
0.3
%
Input IP37
f1 = 40 kHz; f2 = 80 kHz
112
dBµV
Audio Output Voltage4
54
60
66
mVrms
Adjacent Channel Selectivity
±10 kHz
40
dB
Alternate Channel Selectivity
±20 kHz
60
dB
Notes:
1.
Specifications refer to Si474x application circuit input.
2.
BAF = 300 Hz to 15 kHz.
3.
fRF = 76 to 108 MHz.
4.
FMOD = 1 kHz, 75 µs de-emphasis, MONO = enabled, and L = R unless noted otherwise.
5.
Applies to both FM and AM modes.
6.
AGC is disabled.
7.
Specification refers to Si474x input.
Pin Assignments
GND
PAD
1
2
3
21
22
23
24
14
15
16
17
7
8
9
10
4
5
20
13
11
19
18
12
6
DFS
DOUT
LOUT
ROUT
AMI
FMI
NC
GND
RFGND
AGC1
VDD
GND
Symbol
Millimeters
Min
Nom
Max
A
0.80
0.85
0.90
A1
0.00
0.02
0.05
b
0.18
0.25
0.30
D
4.00 BSC
D2
2.00
2.10
2.20
e
0.50 BSC
E
4.00 BSC
E2
2.00
2.10
2.20
L
0.30
0.40
0.50
aaa
0.10
bbb
0.10
ccc
0.08
ddd
0.10
eee
0.10
4x4x0.85 mm 24-pin QFN Package Information


Similar Part No. - SI4745-C10-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4745 SILABS-SI4745 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4745 SILABS-SI4745 Datasheet
1Mb / 20P
   Si474X ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
Si4745 SILABS-Si4745 Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
More results

Similar Description - SI4745-C10-GM

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA2003 SILAN-SA2003 Datasheet
206Kb / 7P
   AM/FM RADIO RECEIVER
SA2132 SILAN-SA2132 Datasheet
133Kb / 7P
   AM/FM RADIO RECEIVER
logo
Silicon Laboratories
SI4757-A10-AM SILABS-SI4757-A10-AM Datasheet
997Kb / 3P
   High Performance Automotive AM/FM Radio Receiver
SI47920 SILABS-SI47920 Datasheet
1,016Kb / 3P
   High-Performance Automotive AM/FM Radio Receiver
SI4750-A10-AM SILABS-SI4750-A10-AM Datasheet
51Kb / 2P
   High Performance Automotive AM/FM Radio Receiver
SI47911 SILABS-SI47911 Datasheet
994Kb / 3P
   High-Performance Automotive AM/FM Radio Receiver
SI4750-A10 SILABS-SI4750-A10 Datasheet
993Kb / 3P
   High Performance Automotive AM/FM Radio Receiver
SI47901 SILABS-SI47901 Datasheet
1,003Kb / 3P
   High-Performance Automotive AM/FM Radio Receiver
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
SI4730-C40-GU SILABS-SI4730-C40-GU Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com