Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5330H-A00220-GM Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI5330H-A00220-GM
Description  1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5330H-A00220-GM Datasheet(HTML) 1 Page - Silicon Laboratories

  SI5330H-A00220-GM Datasheet HTML 1Page - Silicon Laboratories SI5330H-A00220-GM Datasheet HTML 2Page - Silicon Laboratories SI5330H-A00220-GM Datasheet HTML 3Page - Silicon Laboratories SI5330H-A00220-GM Datasheet HTML 4Page - Silicon Laboratories SI5330H-A00220-GM Datasheet HTML 5Page - Silicon Laboratories SI5330H-A00220-GM Datasheet HTML 6Page - Silicon Laboratories SI5330H-A00220-GM Datasheet HTML 7Page - Silicon Laboratories SI5330H-A00220-GM Datasheet HTML 8Page - Silicon Laboratories SI5330H-A00220-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Rev. 1.0 4/12
Copyright © 2012 by Silicon Laboratories
Si5330
Si5330
1.8/2.5/3.3 V L OW-J ITTER, L OW-S KEW
C LOCK B UFFER/L EVEL TRANSLATOR
Features
Applications
Functional Block Diagram
Supports single-ended or
differential input clock signals
Generates four differential
(LVPECL, LVDS, HCSL) or eight
single-ended (CMOS, SSTL,
HSTL) outputs
Provides signal level translation

Differential to single-ended

Single-ended to differential

Differential to differential

Single-ended to single-ended
Wide frequency range

LVPECL, LVDS: 5 to 710 MHz

HCSL: 5 to 250 MHz

SSTL, HSTL: 5 to 350 MHz

CMOS: 5 to 200 MHz
Additive jitter: 150 fs RMS typ
Output-output skew: 100 ps
Propagation delay: 2.5 ns typ
Single core supply with excellent
PSRR: 1.8, 2.5, or 3.3 V
Output driver supply voltage
independent of core supply: 1.5,
1.8, 2.5, or 3.3 V
Loss of Signal (LOS) indicator
allows system clock monitoring
Output Enable (OEB) pin allows
glitchless control of output clocks
Low power: 10 mA typical core
current
Industrial temperature range:
–40 to +85 °C
Small size: 24-lead, 4 x 4 mm
QFN
High Speed Clock Distribution
Ethernet Switch/Router
SONET / SDH
PCI Express 2.0/3.0
Fibre Channel
MSAN/DSLAM/PON
Telecom Line Cards
Single-ended
or
Differential
Single-ended
or
Differential
Si5330
OEB
Control
LOS
IN
VDD
VDDO0
CLK0
VDDO1
CLK1
VDDO2
CLK2
VDDO3
CLK3
Ordering Information:
See page 14.
Pin Assignments
IN3
IN2
IN1
CLK2B
CLK2A
VDDO2
VDDO1
CLK1B
CLK1A
RSVD_GND
GND
GND
RSVD_GND
RSVD_GND
24
23
22
21
20
19
7
8
9
10
11
12


Similar Part No. - SI5330H-A00220-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5330H-A00220-GM SILABS-SI5330H-A00220-GM Datasheet
158Kb / 20P
   Supports single-ended or differential input clock singnals Generates four differential (LVPECL, LVDS, HCSL) or eight single-ended (CMOS, SSTL, HSTL) outputs
Si5330H-A00220-GM SILABS-Si5330H-A00220-GM Datasheet
41Kb / 1P
   The Si5330 Clock Buffer datasheet v1.0 is now available
More results

Similar Description - SI5330H-A00220-GM

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5330 SKYWORKS-SI5330 Datasheet
1Mb / 22P
   1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
Rev. 1.2
logo
Texas Instruments
CDCLVC1310 TI1-CDCLVC1310_14 Datasheet
1Mb / 30P
[Old version datasheet]   Ten-Output Low-Jitter Low-Power Clock Buffer and Level Translator
logo
Silicon Laboratories
SI53306 SILABS-SI53306 Datasheet
1Mb / 29P
   1:4 LOW-JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR
logo
Texas Instruments
LMK00105 TI1-LMK00105 Datasheet
1Mb / 15P
[Old version datasheet]   Ultra-low Jitter LVCMOS Fanout Buffer/Level Translator
logo
Silicon Laboratories
SI53307 SILABS-SI53307 Datasheet
1Mb / 30P
   2:2 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR
SI53308 SILABS-SI53308 Datasheet
1Mb / 32P
   DUAL 1:3 LOW-JITTER BUFFER/LEVEL TRANSLATOR
logo
Texas Instruments
LMK00101 TI1-LMK00101_16 Datasheet
859Kb / 19P
[Old version datasheet]   Ultra-low Jitter LVCMOS Fanout Buffer/Level Translator
logo
Silicon Laboratories
SI53303 SILABS-SI53303 Datasheet
1Mb / 30P
   DUAL 1:5 LOW JITTER BUFFER/LEVEL TRANSLATOR
logo
Texas Instruments
CDCBT1001 TI-CDCBT1001 Datasheet
1Mb / 19P
[Old version datasheet]   CDCBT1001 1.2-V to 1.8-V Clock Buffer and Level Translator
MAY 2022
logo
Cypress Semiconductor
CY7B9910 CYPRESS-CY7B9910 Datasheet
162Kb / 7P
   Low Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com