Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM03AG100SN1 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # BLM03AG100SN1
Description  EMI Suppression Filters
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM03AG100SN1 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button BLM03AG100SN1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLM03AG100SN1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BLM03AG100SN1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BLM03AG100SN1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. BLM03AG100SN1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. BLM03AG100SN1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. BLM03AG100SN1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. BLM03AG100SN1 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. BLM03AG100SN1 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
18
Continued on the following page.
BLM15HG601SN1
600ohm
±25%
0402
For GHz
Band Noise
For General Signal Lines
0603
For High-GHz
Band Noise
For High Speed
Signal Lines
(Sharp Impedance Curve)
Universal Type
[Power Lines/Signal Lines]
For General Signal Lines
For High Speed Signal Lines
For General Signal Lines
1000ohm
±40%
300mA
BLM15HG102SN1
1000ohm
±25%
1400ohm
±40%
250mA
BLM15HB121SN1
120ohm
±25%
500ohm
±40%
300mA
BLM15HB221SN1
220ohm
±25%
900ohm
±40%
250mA
BLM15HD601SN1
600ohm
±25%
1400ohm
±40%
300mA
BLM15HD102SN1
1000ohm
±25%
2000ohm
±40%
250mA
BLM15HD182SN1
1800ohm
±25%
2700ohm
±40%
200mA
BLM15EG121SN1
120ohm
±25%
145ohm(Typ.)
1500mA
BLM15EG221SN1
220ohm
±25%
270ohm(Typ.)
700mA
BLM15GA750SN1
75ohm
±25%
1000ohm
±40%
-
-
-
-
-
-
-
-
-
-
-
200mA
BLM15GG221SN1
220ohm
±25%
600ohm
±40%
300mA
BLM15GG471SN1
470ohm
±25%
1200ohm
±40%
200mA
BLM18AG121SN1
120ohm
±25%
500mA
BLM18AG151SN1
150ohm
±25%
500mA
BLM18AG221SN1
220ohm
±25%
500mA
BLM18AG331SN1
330ohm
±25%
500mA
BLM18AG471SN1
470ohm
±25%
500mA
BLM18AG601SN1
600ohm
±25%
500mA
BLM18AG102SN1
1000ohm
±25%
400mA
BLM18TG121TN1
120ohm
±25%
200mA
BLM18TG221TN1
220ohm
±25%
200mA
BLM18TG601TN1
600ohm
±25%
200mA
BLM18TG102TN1
1000ohm
±25%
100mA
p77
p77
p27
p83
p83
p52
p56
Part Number
Type
Size
Code
(Inch)
Impedance
Rated
Current
at 100MHz/20
°C
at 1GHz/20
°C
Thickness
(mm)
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.6
0.6
0.6
0.6
For Power Lines
-
-
-
-
-
-
-
BLM15BA470SN1
47ohm
±25%
200mA
BLM15BA750SN1
75ohm
±25%
200mA
BLM15PG100SN1
10ohm(Typ.)
1000mA
BLM15PD300SN1
30ohm
±25%
2200mA
-
BLM15PX121SN1
120ohm
±25%
1800mA
BLM15PD600SN1
60ohm
±25%
1700mA
BLM15PD800SN1
80ohm
±25%
1500mA
BLM15PD121SN1
120ohm
±25%
1300mA
p31
p32
0.5
-
BLM15BA330SN1
33ohm
±25%
300mA
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
For High Speed Signal Lines
(Sharp Impedance Curve)
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
BLM15BD102SN1
1000ohm
±25%
200mA
BLM15BD182SN1
1800ohm
±25%
100mA
BLM15BA050SN1
5ohm
±25%
300mA
BLM15BB050SN1
5ohm
±25%
500mA
BLM15BA100SN1
10ohm
±25%
300mA
BLM15BB100SN1
10ohm
±25%
300mA
BLM15BA220SN1
22ohm
±25%
300mA
BLM15BB220SN1
22ohm
±25%
300mA
BLM15BB470SN1
47ohm
±25%
300mA
BLM15BB750SN1
75ohm
±25%
300mA
BLM15BD750SN1
75ohm
±25%
300mA
BLM15BB121SN1
120ohm
±25%
300mA
BLM15BD121SN1
120ohm
±25%
300mA
BLM15BB221SN1
BLM15BC121SN1
BLM15BC241SN1
220ohm
±25%
200mA
-
120ohm
±25%
350mA
-
240ohm
±25%
250mA
BLM15BD221SN1
220ohm
±25%
300mA
BLM15BD471SN1
470ohm
±25%
200mA
BLM15BD601SN1
600ohm
±25%
200mA
p59
BLp Chip Ferrite Bead
Series Line Up


Similar Part No. - BLM03AG100SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM03AG100SN1 MURATA-BLM03AG100SN1 Datasheet
290Kb / 18P
   On-Board Type (DC) EMI Suppression Filters
BLM03AG100SN1 MURATA-BLM03AG100SN1 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
BLM03AG100SN1 MURATA-BLM03AG100SN1 Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
BLM03AG100SN1 MURATA-BLM03AG100SN1 Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
logo
Murata Manufacturing Co...
BLM03AG100SN1 MURATA1-BLM03AG100SN1 Datasheet
242Kb / 3P
   The chip ferrite beads BLM series is designed to function nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated06/21/2022
More results

Similar Description - BLM03AG100SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
C30E MURATA-C30E Datasheet
1Mb / 35P
   EMI Suppression Filters
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
DSS6NB32A471Q55B MURATA-DSS6NB32A471Q55B Datasheet
950Kb / 40P
   EMI Suppression Filters (Lead Type EMIFIL)
logo
Taiyo Yuden (U.S.A.), I...
FK2125T167AL-T TAIYO-YUDEN-FK2125T167AL-T Datasheet
265Kb / 2P
   Multilayer EMI Suppression Filters (T series)
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com