Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSBM20SL60 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSBM20SL60
Description  SPMTM (Smart Power Module)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBM20SL60 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSBM20SL60 Datasheet HTML 1Page - Fairchild Semiconductor FSBM20SL60 Datasheet HTML 2Page - Fairchild Semiconductor FSBM20SL60 Datasheet HTML 3Page - Fairchild Semiconductor FSBM20SL60 Datasheet HTML 4Page - Fairchild Semiconductor FSBM20SL60 Datasheet HTML 5Page - Fairchild Semiconductor FSBM20SL60 Datasheet HTML 6Page - Fairchild Semiconductor FSBM20SL60 Datasheet HTML 7Page - Fairchild Semiconductor FSBM20SL60 Datasheet HTML 8Page - Fairchild Semiconductor FSBM20SL60 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. D, August 2003
FSBM20SL60
SPMTM (Smart Power Module)
General Description
FSBM20SL60 is an advanced smart power module (SPM)
that Fairchild has newly developed and designed to provide
very compact and high performance ac motor drives mainly
targeting low speed low-power inverter-driven application
like air conditioners. It combines optimized circuit protection
and drive matched to low-loss IGBTs. Highly effective
short-circuit current detection/protection is realized through
the use of advanced current sensing IGBT chips that allow
continuous monitoring of the IGBTs current. System
reliability is further enhanced by the integrated under-
voltage lock-out protection. The high speed built-in HVIC
provides opto-coupler-less IGBT gate driving capability that
further reduce the overall size of the inverter system design.
In addition the incorporated HVIC facilitates the use of
single-supply drive topology enabling the FSBM20SL60 to
be driven by only one drive supply voltage without negative
bias. Inverter current sensing application can be achieved
due to the divided negative dc terminals.
Features
• UL Certified No. E209204
• 600V-20A 3-phase IGBT inverter bridge including control
ICs for gate driving and protection
• Divided negative dc-link terminals for inverter current
sensing applications
• Single-grounded power supply due to built-in HVIC
• Typical switching frequency of 3kHz
• Inverter power rating of 1.5kW / 100~253 Vac
• Isolation rating of 2500Vrms/min.
• Very low leakage current due to using ceramic substrate
• Adjustable current protection level by varying series
resistor value with sense-IGBTs
Applications
• AC 100V ~ 253V 3-phase inverter drive for small power
(1.5kW) ac motor drives
• Home appliances applications requiring low switching
frequency operation like air conditioners drive system
• Application ratings:
- Power : 1.5kW / 100~253 Vac
- Switching frequency : Typical 3kHz (PWM Control)
- 100% load current : 8A (Irms)
- 150% load current : 12A (Irms) for 1 minute
External View
Fig. 1.
Top View
Bottom View
60mm
31mm


Similar Part No. - FSBM20SL60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSBM20SH60A FAIRCHILD-FSBM20SH60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSBM20SM60A FAIRCHILD-FSBM20SM60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
More results

Similar Description - FSBM20SL60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAM15SL60 FAIRCHILD-FSAM15SL60 Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSBM15SL60 FAIRCHILD-FSBM15SL60 Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSAM50SM60A FAIRCHILD-FSAM50SM60A Datasheet
421Kb / 16P
   SPMTM (Smart Power Module)
FSAM20SH60A FAIRCHILD-FSAM20SH60A_03 Datasheet
1Mb / 16P
   SPMTM (Smart Power Module)
FSAM20SM60A FAIRCHILD-FSAM20SM60A Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSAM30SH60A FAIRCHILD-FSAM30SH60A_03 Datasheet
1Mb / 16P
   SPMTM (Smart Power Module)
FSBM15SH60 FAIRCHILD-FSBM15SH60 Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSBM30SH60 FAIRCHILD-FSBM30SH60 Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSAM20SH60A FAIRCHILD-FSAM20SH60A Datasheet
975Kb / 17P
   SPMTM (Smart Power Module)
FSAM75SM60A FAIRCHILD-FSAM75SM60A Datasheet
385Kb / 16P
   SPMTM (Smart Power Module)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com