Electronic Components Datasheet Search |
|
ECQU2A332 Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
ECQU2A332 Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 2 page Panasonic Plastic Film Capacitors Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. Metallized Polyester Film Capacitor Type: ECQUL [Class X2] [Class Y2/X2] In accordance with UL/CSA and European safety regulation class X2 or class Y2/X2 ■Features ● Compact ● Flame-retardant plastic case and non-combustible resin ● RoHS directive compliant ■Recommended Applications ● interference suppressors ■Explanation of Part Numbers ■Applicable Standard UL 1414 Across-The-Line Capacitors Antenna-Coupling and Line-By-Pass Components (0.0010 μF to 1.0μF) UL UL 1283 Electromagnetic Interference Filters (1.2 μF to 3.3 μF) Class Y2/X2 (0.0010 μF to 0.0068μF) CAN/CSA E60384-14 Class X2 (0.0082 μF to 3.3 μF) CSA CSA C22.2 No.8-M 1986 Electromagnetic Interference (EMI) Filters (1.2 μF to 3.3 μF) IEC60384-14 Class Y2/X2 (0.0010 μF to 0.0068μF) VDE EN132400 Class X2 (0.0082 μF to 2.2 μF) * When applying this capacitor to European and American safety standards, please use type designation and rating such as ECQUL,0.1μF. * Approval number (File No.) of safety regulations are subject to revision without notice. Ask factory for a copy of the latest file No * This capacitor is recognized for European standards by VDE only. But, there are no problems using this capacitor in a device which will get approvals from certification bodies in Europe, SEMKO, DEMKO, NEMKO, FIMKO and SEV etc. except VDE. ■Specifications Category temp. range - 40 ℃ to +100 ℃ (85 ℃ max. on UL/CSA C22.2 No.8 spec.) Rated voltage 275 VAC (IEC60384-14, CAN/CSA E60384-14),250 VAC (UL/CSA C22.2 No.8) Capacitance range 0.0010 to 3.3μF Capacitance tolerance ± 10 % (K),±20 % (M) Dissipation factor (tanδ) tanδ≦1.0 % .(20 ℃,1 kHz) Withstand voltage Between terminals: 575 VAC,1768 VDC 60 s (0.0082 μF to 3.3 μF) Between terminals: 1500 VAC,2121 VDC 60 s (0.0010 μF to 0.0068 μF) Between terminals to enclosure: 2050 VAC 60 s Insulation resistance (IR) C≦0.33μF : IR≧15000 MΩ (20 ℃, 100 VDC, 60 s) C>0.33μF : IR≧5000 MΩ・μF.(20 ℃, 100 VDC, 60 s) IR≧2000 MΩ.(20 ℃, 500 VDC, 60 s) * Use of this capacitor is limited to AC voltage (50Hz or 60Hz sine wave). 12 Suffix Blank A Straight Cut lead |
Similar Part No. - ECQU2A332 |
|
Similar Description - ECQU2A332 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |