Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEVEB2E100Q Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEVEB2E100Q
Description  Aluminum Electrolytic Capacitors/ EB(Large Can Size)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEVEB2E100Q Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEVEB2E100Q Datasheet HTML 1Page - Panasonic Semiconductor EEVEB2E100Q Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ EB(Large Can Size)
– EEE-61 –
A
±0.2
W
() Reference size
L
+
0.3 max.
Pressure Relief (
φ10 and larger)
Capacitance (
µF)
Rated voltage Mark
Series identification
Lot number
Negative polarity
marking (–)
10
EB
2C
Features
● Endurance : 105 °C 3000 h to 5000 h
● RoHS directive compliant
Surface Mount Type
Series:
EB(Large Can Size)
Type:
V
Specifications
Category Temp. Range
–25 °C to +105 °C
Rated W.V. Range
160 V.DC to 450 V.DC
Nominal Cap. Range
2.2 µF to 100 µF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.06 CV +10 (µA) After 2 minutes
tan
δ
Please see the attached standard products list
Characteristics
at Low Temperature
W.V. (V)
160
200250
350
400
450
(Impedance ratio at 120 Hz)
Z(–25 °C) / Z(+20 °C)
223566
Endurance
After the life test with DC rated working voltage at +105 °C±2 °C for 5000 hours, the capacitors shall meet
the limits specified below. (Size code G13 : 3000 hours, G17 : 4000 hours)
Capacitance change ±20 % of initial measured value
tan
δ
< 200 % of initial specified value
DC leakage current
< initial specified value
Shelf Life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized at +20 °C,
capacitors shall meet the limits specified in Endurance. (With voltage treatment)
Resistance to
Soldering Heat
After reflow soldering and then being stabilized at +20 °C, capacitors shall meet the following limits.
Capacitance change ±10 % of initial measured value
tan
δ
< initial specified value
DC leakage current
< initial specified value
Dimensions in mm (not to scale)
Marking
Example : 160 V 10 µF
Size
code
DL
A,B
H
I
W
P
K
G13
10.0
13.5±0.5
10.3 12.0 max.
3.5
0.9±0.2
4.6
0.70±0.20
G17
10.0
16.5±0.5
10.3 12.0 max.
3.5
0.9±0.2
4.6
0.70±0.20
H16
12.5
16.5±0.5
13.5 15.0 max.
4.7
0.9±0.2
4.4
0.70±0.30
J16
16.0
16.5±0.5
17.0 19.0 max.
5.5
1.2±0.3
6.7
0.70±0.30
J21
16.0
21.5±0.5
17.0 19.0 max.
5.5
1.2±0.3
6.7
0.70±0.30
K16
18.0
16.5±0.5
19.0 21.0 max.
6.7
1.2±0.3
6.7
0.70±0.30
K21
18.0
21.5±0.5
19.021.0 max.
6.7
1.2±0.3
6.7
0.70±0.30
Rated Voltage (V.DC)
Frequency (Hz)
120
1 k10 k
< f < 30 k
30 k
< f < 100 k
160
to
250
0.550.850.90
1.00
350
to
450
0.500.80
0.90
1.00
Frequency correction factor for ripple current
(Unit : mm)
2C
160 V
2D
200 V
2E
250 V
Rated Voltage Mark
2V
350 V
2G
400 V
2W
450 V
00 Nov. 2012


Similar Part No. - EEVEB2E100Q

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEVEB2E100Q PANASONIC-EEVEB2E100Q Datasheet
108Kb / 2P
   Surface Mount Type
EEVEB2E100Q PANASONIC-EEVEB2E100Q Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEVEB2E100Q PANASONIC-EEVEB2E100Q Datasheet
59Kb / 2P
   Aluminum Electrolytic Capacitors
More results

Similar Description - EEVEB2E100Q

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEV-EB2D101M PANASONIC-EEV-EB2D101M Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
EEV-EB2V470M PANASONIC-EEV-EB2V470M Datasheet
64Kb / 2P
   Aluminum Electrolytic Capacitors/ EB(Large Can Size)
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com