Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETUQ2G821E Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # EETUQ2G821E
Description  Large Can Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETUQ2G821E Datasheet(HTML) 6 Page - Panasonic Semiconductor

  EETUQ2G821E Datasheet HTML 1Page - Panasonic Semiconductor EETUQ2G821E Datasheet HTML 2Page - Panasonic Semiconductor EETUQ2G821E Datasheet HTML 3Page - Panasonic Semiconductor EETUQ2G821E Datasheet HTML 4Page - Panasonic Semiconductor EETUQ2G821E Datasheet HTML 5Page - Panasonic Semiconductor EETUQ2G821E Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TS-UQ Standard Ratings (continued)
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
330
30 x 30
1.90
2.66
0.603
0.301
A
(No suffix)
J
35 x 25
1.90
2.66
0.603
0.301
A
(No suffix)
J
390
25 x 45
2.13
2.98
0.510
0.255
A
(No suffix)
J
30 x 35
2.13
2.98
0.510
0.255
A
(No suffix)
J
35 x 30
2.13
2.98
0.510
0.255
A
(No suffix)
J
470
25 x 50
2.39
3.35
0.423
0.212
A
(No suffix)
J
30 x 40
2.39
3.35
0.423
0.212
A
(No suffix)
J
35 x 30
2.39
3.35
0.423
0.212
A
(No suffix)
J
560
30 x 45
2.69
3.77
0.355
0.178
A
(No suffix)
J
35 x 35
2.69
3.77
0.355
0.178
A
(No suffix)
J
680
35 x 40
2.70
3.78
0.293
0.146
FU
C
30 x 50
2.96
4.14
0.293
0.146
A
(No suffix)
J
35 x 45
2.96
4.14
0.293
0.146
A
(No suffix)
J
820
35 x 45
2.96
4.14
0.243
0.121
FU
C
35 x 50
3.25
4.55
0.243
0.121
A
(No suffix)
J
150
22
x 30
1.18
1.65
1.326
0.663
A
(No suffix)
J
25
x 25
1.18
1.65
1.326
0.663
A
(No suffix)
J
180
22
x 35
1.40
1.96
1.105
0.553
A
(No suffix)
J
220
22
x 40
1.52
2.13
0.904
0.452
A
(No suffix)
J
25
x 35
1.52
2.13
0.904
0.452
A
(No suffix)
J
30
x 25
1.52
2.13
0.904
0.452
A
(No suffix)
J
270
22
x 45
1.73
2.42
0.737
0.368
A
(No suffix)
J
25
x 40
1.73
2.42
0.737
0.368
A
(No suffix)
J
330
25
x 45
1.95
2.73
0.603
0.301
A
(No suffix)
J
30
x 30
1.95
2.73
0.603
0.301
A
(No suffix)
J
390
25
x 50
2.17
3.04
0.510
0.255
A
(No suffix)
J
30
x 35
2.17
3.04
0.510
0.255
A
(No suffix)
J
35
x 30
2.17
3.04
0.510
0.255
A
(No suffix)
J
470
30
x 40
2.44
3.42
0.423
0.212
A
(No suffix)
J
35
x 35
2.44
3.42
0.423
0.212
A
(No suffix)
J
560
30
x 45
2.74
3.84
0.355
0.178
A
(No suffix)
J
35
x 40
2.74
3.84
0.355
0.178
A
(No suffix)
J
680
35
x 45
3.11
4.35
0.293
0.146
A
(No suffix)
J
82
22 x 25
0.83
1.16
2.426
1.213
A
(No suffix)
J
100
22 x 25
0.93
1.30
1.989
0.995
A
(No suffix)
J
120
22 x 30
1.04
1.46
1.658
0.829
A
(No suffix)
J
150
22 x 35
1.19
1.67
1.326
0.663
A
(No suffix)
J
25 x 30
1.19
1.67
1.326
0.663
A
(No suffix)
J
180
22 x 40
1.35
1.89
1.105
0.553
A
(No suffix)
J
25 x 30
1.35
1.89
1.105
0.553
A
(No suffix)
J
220
22 x 45
1.55
2.17
0.904
0.452
A
(No suffix)
J
25 x 35
1.45
2.03
0.904
0.452
FU
C
25 x 40
1.55
2.17
0.904
0.452
A
(No suffix)
J
30 x 30
1.55
2.17
0.904
0.452
A
(No suffix)
J
35 x 25
1.55
2.17
0.904
0.452
A
(No suffix)
J
270
22 x 50
1.78
2.49
0.737
0.368
A
(No suffix)
J
25 x 40
1.78
2.49
0.737
0.368
A
(No suffix)
J
30 x 30
1.78
2.49
0.737
0.368
A
(No suffix)
J
330
25 x 50
2.01
2.81
0.603
0.301
A
(No suffix)
J
30 x 35
1.88
2.63
0.603
0.301
FU
C
30 x 40
2.01
2.81
0.603
0.301
A
(No suffix)
J
35 x 30
2.01
2.81
0.603
0.301
A
(No suffix)
J
390
30 x 40
2.24
3.14
0.510
0.255
A
(No suffix)
J
35 x 35
2.24
3.14
0.510
0.255
A
(No suffix)
J
470
30 x 45
2.53
3.54
0.423
0.212
A
(No suffix)
J
35 x 40
2.53
3.54
0.423
0.212
A
(No suffix)
J
560
30 x 50
2.82
3.95
0.355
0.178
A
(No suffix)
J
35 x 45
2.82
3.95
0.355
0.178
A
(No suffix)
J
680
35 x 50
3.02
4.23
0.293
0.146
A
(No suffix)
J
EETUQ2W221B_
EETUQ2S391C_
EETUQ2W151C_
EETUQ2W181B_
EETUQ2W181C_
450 VDC Working, 500 VDC Surge
EETUQ2W820B_
EETUQ2W101B_
EETUQ2W121B_
EETUQ2W151B_
EETUQ2W331D_
EETUQ2W271C_
EETUQ2W271D_
EETUQ2W331C_
EETUQ2W471D_
EETUQ2W331D_
EETUQ2W331E_
EETUQ2W391D_
EETUQ2W471E_
EETUQ2W681E_
EETUQ2W561E_
EETUQ2W561D_
EETUQ2W221C_
EETUQ2W221C_
EETUQ2W221D_
EETUQ2W221E_
EETUQ2W271B_
EETUQ2W391E_
EETUQ2S331C_
EETUQ2S271C_
EETUQ2S681E_
EETUQ2S391E_
EETUQ2S331D_
EETUQ2S561E_
EETUQ2S561D_
EETUQ2S471E_
EETUQ2S271B_
EETUQ2S221B_
EETUQ2S221C_
EETUQ2S181B_
EETUQ2S221D_
EETUQ2G471E_
EETUQ2G561D_
EETUQ2S471D_
EETUQ2S391D_
EETUQ2G561E_
420 VDC Working, 470 VDC Surge
EETUQ2S151B_
EETUQ2S151C_
EETUQ2G821E_
EETUQ2G821E_
PVC with Top
Plate
PVC without
Top Plate
PET without
Top Plate
D x L
Part Number
400 VDC Working, 450 VDC Surge (continued)
Part Number Suffix Sleeving Options
Size (mm)
Max 85°C R.C. (Arms)
20°C ESR (Ω, max.)
Panasonic
EETUQ2G331D_
EETUQ2G681E_
EETUQ2G331E_
EETUQ2G681D_
EETUQ2G471C_
EETUQ2G471D_
EETUQ2G681E_
EETUQ2G391C_
EETUQ2G391D_
EETUQ2G391E_
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Large Can Aluminum Electrolytic Capacitors


Similar Part No. - EETUQ2G821E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETUQ2G821LJ PANASONIC-EETUQ2G821LJ Datasheet
107Kb / 10P
   Aluminum Electrolytic Capacitors/ UQ Snap-in Type
More results

Similar Description - EETUQ2G821E

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com